Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515849 Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

No. de pieza SC515849
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515849 Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button SC515849 Datasheet HTML 34Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 35Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 36Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 37Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 38Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 39Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 40Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 41Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
38
Freescale Semiconductor
$007C
TC2H (hi)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
$007D
TC2H (lo)
Read:
Bit 7
654321
Bit 0
Write:
$007E
TC3H (hi)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
$007F
TC3H (lo)
Read:
Bit 7
654321
Bit 0
Write:
$0080 - $009F
ATD0 (Analog to Digital Converter 10 Bit 8 Channel)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$0080
ATD0CTL0
Read:
00000000
Write:
$0081
ATD0CTL1
Read:
00000000
Write:
$0082
ATD0CTL2
Read:
ADPU
AFFC
AWAI
ETRIGLE ETRIGP
ETRIG
ASCIE
ASCIF
Write:
$0083
ATD0CTL3
Read:
0
S8C
S4C
S2C
S1C
FIFO
FRZ1
FRZ0
Write:
$0084
ATD0CTL4
Read:
SRES8
SMP1
SMP0
PRS4
PRS3
PRS2
PRS1
PRS0
Write:
$0085
ATD0CTL5
Read:
DJM
DSGN
SCAN
MULT
0
CC
CB
CA
Write:
$0086
ATD0STAT0
Read:
SCF
0
ETORF
FIFOR
0
CC2
CC1
CC0
Write:
$0087
Reserved
Read:
00000000
Write:
$0088
ATD0TEST0
Read:
00000000
Write:
$0089
ATD0TEST1
Read:
0000000
SC
Write:
$008A
Reserved
Read:
00000000
Write:
$008B
ATD0STAT1
Read:
CCF7
CCF6
CCF5
CCF4
CCF3
CCF2
CCF1
CCF0
Write:
$008C
Reserved
Read:
00000000
Write:
$008D
ATD0DIEN
Read:
Bit 7
654321
Bit 0
Write:
$008E
Reserved
Read:
00000000
Write:
$008F
PORTAD0
Read:
Bit7
654321
BIT 0
Write:
$0090
ATD0DR0H
Read:
Bit15
14
13
12
11
10
9
Bit8
Write:
$0091
ATD0DR0L
Read:
Bit7
Bit6
000000
Write:
$0040 - $007F
ECT (Enhanced Capture Timer 16 Bit 8 Channels)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com