Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515849 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

No. de pieza SC515849
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515849 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button SC515849 Datasheet HTML 31Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 32Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 33Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 34Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 35Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 36Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 37Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 38Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
35
Freescale Semiconductor
$0034 - $003F
CRG (Clock and Reset Generator)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$0034
SYNR
Read:
0
0
SYN5
SYN4
SYN3
SYN2
SYN1
SYN0
Write:
$0035
REFDV
Read:
0000
REFDV3 REFDV2 REFDV1 REFDV0
Write:
$0036
CTFLG
TEST ONLY
Read:
00000000
Write:
$0037
CRGFLG
Read:
RTIF
PORF
0
LOCKIF
LOCK
TRACK
SCMIF
SCM
Write:
$0038
CRGINT
Read:
RTIE
00
LOCKIE
00
SCMIE
0
Write:
$0039
CLKSEL
Read:
PLLSEL
PSTP
SYSWAI ROAWAI
PLLWAI
CWAI
RTIWAI
COPWAI
Write:
$003A
PLLCTL
Read:
CME
PLLON
AUTO
ACQ
0
PRE
PCE
SCME
Write:
$003B
RTICTL
Read:
0
RTR6
RTR5
RTR4
RTR3
RTR2
RTR1
RTR0
Write:
$003C
COPCTL
Read:
WCOP
RSBCK
000
CR2
CR1
CR0
Write:
$003D
FORBYP
TEST ONLY
Read:
00000000
Write:
$003E
CTCTL
TEST ONLY
Read:
00000000
Write:
$003F
ARMCOP
Read:
00000000
Write:
Bit 7
654321
Bit 0
$0040 - $007F
ECT (Enhanced Capture Timer 16 Bit 8 Channels)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$0040
TIOS
Read:
IOS7
IOS6
IOS5
IOS4
IOS3
IOS2
IOS1
IOS0
Write:
$0041
CFORC
Read:
00000000
Write:
FOC7
FOC6
FOC5
FOC4
FOC3
FOC2
FOC1
FOC0
$0042
OC7M
Read:
OC7M7
OC7M6
OC7M5
OC7M4
OC7M3
OC7M2
OC7M1
OC7M0
Write:
$0043
OC7D
Read:
OC7D7
OC7D6
OC7D5
OC7D4
OC7D3
OC7D2
OC7D1
OC7D0
Write:
$0044
TCNT (hi)
Read:
Bit 15
14
13
12
11
10
9
Bit 8
Write:
$0045
TCNT (lo)
Read:
Bit 7
654321
Bit 0
Write:
$0046
TSCR1
Read:
TEN
TSWAI
TSFRZ
TFFCA
0000
Write:
$0047
TTOV
Read:
TOV7
TOV6
TOV5
TOV4
TOV3
TOV2
TOV1
TOV0
Write:
$0048
TCTL1
Read:
OM7
OL7
OM6
OL6
OM5
OL5
OM4
OL4
Write:
$0049
TCTL2
Read:
OM3
OL3
OM2
OL2
OM1
OL1
OM0
OL0
Write:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com