Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515849 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

No. de pieza SC515849
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515849 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button SC515849 Datasheet HTML 39Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 40Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 41Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 42Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 43Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 44Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 45Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 46Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
43
Freescale Semiconductor
$00E8 - $00EF
BDLC (Byte Level Data Link Controller J1850)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$00E8
DLCBCR1
Read:
IMSG
CLKS
0000
IE
WCM
Write:
$00E9
DLCBSVR
Read:
0
0
I3
I2
I1
I0
0
0
Write:
$00EA
DLCBCR2
Read:
SMRST
DLOOP
RX4XE
NBFS
TEOD
TSIFR
TMIFR1
TMIFR0
Write:
$00EB
DLCBDR
Read:
D7
D6
D5
D4
D3
D2
D1
D0
Write:
$00EC
DLCBARD
Read:
0
RXPOL
00
BO3
BO2
BO1
BO0
Write:
$00ED
DLCBRSR
Read:
0
0
R5
R4
R3
R2
R1
R0
Write:
$00EE
DLCSCR
Read:
0
0
0
BDLCE
0
0
0
0
Write:
$00EF
DLCBSTAT
Read:
0
0
0
0
0
0
0
IDLE
Write:
$00F0 - $00F7
SPI1 (Serial Peripheral Interface)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$00F0
SPI1CR1
Read:
SPIE
SPE
SPTIE
MSTR
CPOL
CPHA
SSOE
LSBFE
Write:
$00F1
SPI1CR2
Read:
0
0
0
MODFEN BIDIROE
0
SPISWAI
SPC0
Write:
$00F2
SPI1BR
Read:
0
SPPR2
SPPR1
SPPR0
0
SPR2
SPR1
SPR0
Write:
$00F3
SPI1SR
Read:
SPIF
0
SPTEF
MODF
0000
Write:
$00F4
Reserved
Read:
00000000
Write:
$00F5
SPI1DR
Read:
Bit7
654321
Bit0
Write:
$00F6
Reserved
Read:
00000000
Write:
$00F7
Reserved
Read:
00000000
Write:
$00F8 - $00FF
Reserved
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$00F8 -
$00FF
Reserved
Read:
00000000
Write:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com