Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515849 Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

No. de pieza SC515849
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515849 Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button SC515849 Datasheet HTML 23Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 24Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 25Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 26Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 27Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 28Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 29Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 30Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
27
Freescale Semiconductor
•
SAE J1850 Class B Data Communications Network Interface
–
Compatible and ISO Compatible for Low-Speed (<125 Kbps) Serial Data Communications in
Automotive Applications
•
Inter-IC Bus (IIC)
–
Compatible with I2C Bus standard
–
Multi-master operation
–
Software programmable for one of 256 different serial clock frequencies
•
112-Pin LQFP and 80-Pin QFP package options
–
I/O lines with 5V input and drive capability
–
5V A/D converter inputs
–
Operation at 50MHz equivalent to 25MHz Bus Speed
–
Development support
–
Single-wire background debug™ mode
–
On-chip hardware breakpoints
1.3 Modes of Operation
User modes
•
Normal and Emulation Operating Modes
–
Normal Single-Chip Mode
–
Normal Expanded Wide Mode
–
Normal Expanded Narrow Mode
–
Emulation Expanded Wide Mode
–
Emulation Expanded Narrow Mode
•
Special Operating Modes
–
Special Single-Chip Mode with active Background Debug Mode
–
Special Test Mode (Freescale use only)
–
Special Peripheral Mode (Freescale use only)
Low power modes
•
Stop Mode
•
Pseudo Stop Mode
•
Wait Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com