Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515849 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

No. de pieza SC515849
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515849 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button SC515849 Datasheet HTML 57Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 58Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 59Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 60Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 61Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 62Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 63Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 64Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
61
Freescale Semiconductor
Table 2-1 Signal Properties
Pin Name
Function 1
Pin Name
Function 2
Pin Name
Function 3
Pin Name
Function 4
Pin Name
Function 5
Powered
by
Internal Pull
Resistor
Description
CTRL
Reset
State
EXTAL
————
VDDPLL
NA
NA
Oscillator Pins
XTAL
————
VDDPLL
NA
NA
RESET
————
VDDR
None
None
External Reset
TEST
————
N.A.
None
None
Test Input
VREGEN
————
VDDX
NA
NA
Voltage Regulator
Enable Input
XFC
————
VDDPLL
NA
NA
PLL Loop Filter
BKGD
TAGHI
MODC
—
—
VDDR
Always
Up
Up
Background Debug,
Tag High, Mode Input
PAD[15]
AN1[7]
ETRIG1
—
—
VDDA
None
None
Port AD Input,
Analog Inputs,
External Trigger
Input (ATD1)
PAD[14:8]
AN1[6:0]
—
—
—
VDDA
None
None
Port AD Input,
Analog Inputs
(ATD1)
PAD[7]
AN0[7]
ETRIG0
—
—
VDDA
None
None
Port AD Input, Analog
Inputs, External
Trigger Input (ATD0)
PAD[6:0]
AN0[6:0]
—
—
—
VDDA
None
None
Port AD Input, Analog
Inputs (ATD0)
PA[7:0]
ADDR[15:8]/
DATA[15:8]
—
—
—
VDDR
PUCR/
PUPAE
Disabled
Port A I/O,
Multiplexed
Address/Data
PB[7:0]
ADDR[7:0]/
DATA[7:0]
—
—
—
VDDR
PUCR/
PUPBE
Disabled
Port B I/O,
Multiplexed
Address/Data
PE7
NOACC
XCLKS
—
—
VDDR
PUCR/
PUPEE
Mode
depen-
dant1
Port E I/O, Access,
Clock Select
PE6
IPIPE1
MODB
—
—
VDDR
While RESET pin
low:
Down
Port E I/O, Pipe
Status, Mode Input
PE5
IPIPE0
MODA
—
—
VDDR
Port E I/O, Pipe
Status, Mode Input
PE4
ECLK
—
—
—
VDDR
PUCR/
PUPEE
Mode
depen-
dant1
Port E I/O, Bus Clock
Output
PE3
LSTRB
TAGLO
—
—
VDDR
Port E I/O, Byte
Strobe, Tag Low
PE2
R/W
—
—
—
VDDR
Port E I/O, R/W in
expanded modes
PE1
IRQ
—
—
—
VDDR
Up
Port E Input,
Maskable Interrupt
PE0
XIRQ
—
—
—
VDDR
Port E Input, Non
Maskable Interrupt
PH7
KWH7
---
—
—
VDDR
PERH/
PPSH
Disabled Port H I/O, Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com