Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN920SPTR-E Datasheet(PDF) 7 Page - STMicroelectronics

No. de pieza VN920SPTR-E
Descripción Electrónicos  High-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920SPTR-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VN920SPTR-E Datasheet HTML 3Page - STMicroelectronics VN920SPTR-E Datasheet HTML 4Page - STMicroelectronics VN920SPTR-E Datasheet HTML 5Page - STMicroelectronics VN920SPTR-E Datasheet HTML 6Page - STMicroelectronics VN920SPTR-E Datasheet HTML 7Page - STMicroelectronics VN920SPTR-E Datasheet HTML 8Page - STMicroelectronics VN920SPTR-E Datasheet HTML 9Page - STMicroelectronics VN920SPTR-E Datasheet HTML 10Page - STMicroelectronics VN920SPTR-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
VN920SP-E
Electrical specifications
Doc ID 10896 Rev 3
7/27
2.2
Thermal data
EMAX
Maximum switching energy
(L = 0.25 mH; RL= 0 Ω; Vbat = 13.5 V;
Tjstart = 150 °C; IL = 45 A)
362
mJ
Ptot
Power dissipation TC ≤ 25 °C
96.1
W
Tj
Junction operating temperature
Internally limited
°C
Tc
Case operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
Table 3.
Absolute maximum ratings (continued)
Symbol
Parameter
Value
Unit
Table 4.
Thermal data
Symbol
Parameter
Max. value
Unit
Rthj-case Thermal resistance junction-case (max)
1.3
°C/W
Rthj-amb
Thermal resistance junction-ambient (max)
51.3(1)
1.
When mounted on FR4 printed circuit board with 0.5 cm2 of Cu (at least 35 µm thick).
37(2)
2.
When mounted on FR4 printed circuit board with 6 cm2 of Cu (at least 35 µm thick).
°C/W
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com