Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN920SPTR-E Datasheet(PDF) 18 Page - STMicroelectronics

No. de pieza VN920SPTR-E
Descripción Electrónicos  High-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920SPTR-E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button VN920SPTR-E Datasheet HTML 14Page - STMicroelectronics VN920SPTR-E Datasheet HTML 15Page - STMicroelectronics VN920SPTR-E Datasheet HTML 16Page - STMicroelectronics VN920SPTR-E Datasheet HTML 17Page - STMicroelectronics VN920SPTR-E Datasheet HTML 18Page - STMicroelectronics VN920SPTR-E Datasheet HTML 19Page - STMicroelectronics VN920SPTR-E Datasheet HTML 20Page - STMicroelectronics VN920SPTR-E Datasheet HTML 21Page - STMicroelectronics VN920SPTR-E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Application information
VN920SP-E
18/27
Doc ID 10896 Rev 3
3.1.2
Solution 2: diode (DGND) in the ground line
A resistor (RGND = 1 kΩ) should be inserted in parallel to DGND if the device drives an
inductive load.
This small signal diode can be safely shared amongst several different HSDs. Also in this
case, the presence of the ground network produces a shift (
∼600mV) in the input threshold
and in the status output values if the microprocessor ground is not common to the device
ground. This shift does not vary if more than one HSD shares the same diode/resistor
network.
Series resistor in INPUT and STATUS lines are also required to prevent that, during battery
voltage transient, the current exceeds the absolute maximum rating.
Safest configuration for unused INPUT and STATUS pin is to leave them unconnected, while
unused SENSE pin has to be connected to ground pin.
3.2
Load dump protection
Dld is necessary (Voltage Transient Suppressor) if the load dump peak voltage exceeds the
VCC max DC rating. The same applies if the device is subject to transients on the VCC line
that are greater than the ones shown in Table 12.
3.3
MCU I/Os protection
If a ground protection network is used and negative transient are present on the VCC line,
the control pins is pulled negative. ST suggests to insert a resistor (Rprot) in line to prevent
the microcontroller I/Os pins to latch-up.
The value of these resistors is a compromise between the leakage current of microcontroller
and the current required by the HSD I/Os (Input levels compatibility) with the latch-up limit of
microcontroller I/Os.
-VCCpeak/Ilatchup ≤ Rprot ≤ (VOHµC-VIH-VGND) / IIHmax
Calculation example:
For VCCpeak = -100 V and Ilatchup ≥ 20 mA; VOHµC ≥ 4.5 V
5k
Ω ≤ Rprot ≤ 65 kΩ.
Recommended values:
Rprot =10kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com