Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN920SPTR-E Datasheet(PDF) 15 Page - STMicroelectronics

No. de pieza VN920SPTR-E
Descripción Electrónicos  High-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920SPTR-E Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VN920SPTR-E Datasheet HTML 11Page - STMicroelectronics VN920SPTR-E Datasheet HTML 12Page - STMicroelectronics VN920SPTR-E Datasheet HTML 13Page - STMicroelectronics VN920SPTR-E Datasheet HTML 14Page - STMicroelectronics VN920SPTR-E Datasheet HTML 15Page - STMicroelectronics VN920SPTR-E Datasheet HTML 16Page - STMicroelectronics VN920SPTR-E Datasheet HTML 17Page - STMicroelectronics VN920SPTR-E Datasheet HTML 18Page - STMicroelectronics VN920SPTR-E Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
VN920SP-E
Electrical specifications
Doc ID 10896 Rev 3
15/27
2.4
Electrical characteristics curves
Figure 7.
Off-state output current
Figure 8.
High level input current
Figure 9.
Input clamp voltage
Figure 10. On-state resistance vs VCC
Figure 11. On-state resistance vs Tcase
Figure 12. Input high level
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
1
2
3
4
5
6
7
8
9
IL(off1) (uA)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Iih (uA)
Vin=3.25V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
6
6.2
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
8
Vicl (V)
Iin=1mA
5
10
1520
253035
40
Vcc (V)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
Ron (mOhm)
IOUT=10A
Tc= - 40ºC
Tc= 25ºC
Tc= 150ºC
-25
0
25
50
75
100
125
150
175
Tc (ºC)
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
Ron (mOhm)
Iout=10A
Vcc=8V; 36V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
Vih (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com