Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN920SPTR-E Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza VN920SPTR-E
Descripción Electrónicos  High-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920SPTR-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN920SPTR-E Datasheet HTML 5Page - STMicroelectronics VN920SPTR-E Datasheet HTML 6Page - STMicroelectronics VN920SPTR-E Datasheet HTML 7Page - STMicroelectronics VN920SPTR-E Datasheet HTML 8Page - STMicroelectronics VN920SPTR-E Datasheet HTML 9Page - STMicroelectronics VN920SPTR-E Datasheet HTML 10Page - STMicroelectronics VN920SPTR-E Datasheet HTML 11Page - STMicroelectronics VN920SPTR-E Datasheet HTML 12Page - STMicroelectronics VN920SPTR-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
VN920SP-E
Electrical specifications
Doc ID 10896 Rev 3
9/27
Table 7.
Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
1.25
V
IIL
Low level input current
VIN = 1.25 V
1
µA
VIH
Input high level voltage
3.25
V
IIH
High level input current
VIN = 3.25 V
10
µA
VI(hyst)
Input hysteresis voltage
0.5
V
VICL
Input clamp voltage
IIN = 1 mA
IIN = - 1 mA
66.8
-0.7
8V
V
Table 8.
VCC output diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VF
Forward on voltage
- IOUT = 5.3 A; Tj = 150 °C
-
-
0.6
V
Table 9.
Protections(1)
1.
To ensure long term reliability under heavy over-load or short circuit conditions, protection and related
diagnostic signals must be used together with a proper software strategy. If the device operates under
abnormal conditions this software must limit the duration and number of activation cycles.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
TTSD
Shutdown temperature
150
175
200
°C
TR
Reset temperature
135
°C
Thyst
Thermal hysteresis
7
15
°C
Ilim
DC short circuit current
VCC = 13 V
5V < VCC < 36 V
30
45
75
75
A
A
Vdemag
Turn-off output clamp
voltage
IOUT = 2 A;
VIN = 0 V;
L = 6 mH
VCC - 41 VCC - 48 VCC - 55
V
VON
Output voltage drop
limitation
IOUT = 1 A;
Tj = -40 °C...150 °C
50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com