Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN920SPTR-E Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza VN920SPTR-E
Descripción Electrónicos  High-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920SPTR-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VN920SPTR-E Datasheet HTML 6Page - STMicroelectronics VN920SPTR-E Datasheet HTML 7Page - STMicroelectronics VN920SPTR-E Datasheet HTML 8Page - STMicroelectronics VN920SPTR-E Datasheet HTML 9Page - STMicroelectronics VN920SPTR-E Datasheet HTML 10Page - STMicroelectronics VN920SPTR-E Datasheet HTML 11Page - STMicroelectronics VN920SPTR-E Datasheet HTML 12Page - STMicroelectronics VN920SPTR-E Datasheet HTML 13Page - STMicroelectronics VN920SPTR-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Electrical specifications
VN920SP-E
10/27
Doc ID 10896 Rev 3
Table 10.
Current sense(1)
1.
9 V
≤ VCC ≤ 16 V.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
K1
IOUT/ISENSE
IOUT = 1 A; VSENSE = 0.5 V;
Tj = -40 °C...150 °C
3300
4400
6000
dK1/K1
Current sense ratio drift
IOUT = 1 A; VSENSE = 0.5 V;
Tj = - 40 °C...150 °C
-10
+10
%
K2
IOUT/ISENSE
IOUT = 10 A; VSENSE = 4 V;
Tj = - 40 °C
Tj = 25 °C...150 °C
4200
4400
4900
4900
6000
5750
dK2/K2
Current sense ratio drift
IOUT = 10 A; VSENSE = 4 V;
Tj = -40 °C...150 °C
-8
+8
%
K3
IOUT/ISENSE
IOUT = 30 A; VSENSE = 4 V;
Tj = -40 °C
Tj = 25 °C...150 °C
4200
4400
4900
4900
5500
5250
dK3/K3
Current sense ratio drift
IOUT = 30 A; VSENSE = 4 V;
Tj = -40 °C...150 °C
-6
+6
%
ISENSE0
Analog sense leakage
current
VCC = 6...16 V; IOUT = 0 A;
VSENSE = 0 V;
Tj = -40 °C...150 °C
0
10
µA
VSENSE
Max analog sense
output voltage
VCC = 5.5 V; IOUT = 5 A;
RSENSE = 10 kΩ
VCC > 8 V, IOUT = 10 A;
RSENSE = 10 kΩ
2
4
V
V
VSENSEH
Sense voltage in
overtemperature
condition
VCC = 13 V; RSENSE = 3.9 kΩ
5.5
V
RVSENSEH
Analog sense output
impedance in
overtemperature
condition
VCC = 13 V; Tj > TTSD;
output open
400
Ω
tDSENSE
Current sense delay
response
To 90 % ISENSE
(2)
2.
Current sense signal delay after positive input slope.
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com