Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN920SPTR-E Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza VN920SPTR-E
Descripción Electrónicos  High-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920SPTR-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VN920SPTR-E Datasheet HTML 9Page - STMicroelectronics VN920SPTR-E Datasheet HTML 10Page - STMicroelectronics VN920SPTR-E Datasheet HTML 11Page - STMicroelectronics VN920SPTR-E Datasheet HTML 12Page - STMicroelectronics VN920SPTR-E Datasheet HTML 13Page - STMicroelectronics VN920SPTR-E Datasheet HTML 14Page - STMicroelectronics VN920SPTR-E Datasheet HTML 15Page - STMicroelectronics VN920SPTR-E Datasheet HTML 16Page - STMicroelectronics VN920SPTR-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
VN920SP-E
Electrical specifications
Doc ID 10896 Rev 3
13/27
Figure 4.
Switching characteristics (resistive load RL=1.3 Ω)
Figure 5.
IOUT/ISENSE versus IOUT
VOUT
dVOUT/dt(on)
tr
80%
10%
tf
dVOUT/dt(off)
ISENSE
t
t
90%
td(off)
INPUT
t
90%
td(on)
tDSENSE
0
2
4
6
8
1012
14
1618
2022
24262830
32
3000
3500
4000
4500
5000
5500
6000
6500
min.Tj=-40°C
max.Tj=-40°C
min.Tj=25...150°C
max.Tj=25...150°C
typical value
IOUT (A)
IOUT/ISENSE
6500
6000
5500
5000
4500
4000
3000
3500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com