Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

VN920SPTR-E Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza VN920SPTR-E
Descripción Electrónicos  High-side driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920SPTR-E Datasheet(HTML) 1 Page - STMicroelectronics

  VN920SPTR-E Datasheet HTML 1Page - STMicroelectronics VN920SPTR-E Datasheet HTML 2Page - STMicroelectronics VN920SPTR-E Datasheet HTML 3Page - STMicroelectronics VN920SPTR-E Datasheet HTML 4Page - STMicroelectronics VN920SPTR-E Datasheet HTML 5Page - STMicroelectronics VN920SPTR-E Datasheet HTML 6Page - STMicroelectronics VN920SPTR-E Datasheet HTML 7Page - STMicroelectronics VN920SPTR-E Datasheet HTML 8Page - STMicroelectronics VN920SPTR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
February 2011
Doc ID 10896 Rev 3
1/27
1
VN920SP-E
High-side driver
Features
ECOPACK®: lead free and RoHS compliant
Automotive Grade: compliance with AEC
guidelines
Very low standby current
CMOS compatible input
Proportional load current sense
Current sense disable
Thermal shutdown protection and diagnosis
Undervoltage shutdown
Overvoltage clamp
Load current limitation
Description
The VN920SP-E is a monolithic device designed
in STMicroelectronics™ VIPower™ M0-3
technology. The VN920SP-E is intended for
driving any type of load with one side connected
to ground. The active VCC pin voltage clamp
protects the device against low energy spikes
(see ISO7637 transient compatibility table).
Active current limitation combined with thermal
shutdown and automatic restart protects the
device against overload.
The device integrates an analog current sense
output which delivers a current proportional to the
load current. The device automatically turns-off in
the case where the ground pin becomes
disconnected.
Type
RDS(on)
IOUT
VCC
VN920SP-E
15 m
Ω
30 A
36 V
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSO-10™
VN920SP-E
VN920SPTR-E
www.st.com


Número de pieza similar - VN920SPTR-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
VN920SP STMICROELECTRONICS-VN920SP Datasheet
273Kb / 16P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VN920SP-E STMICROELECTRONICS-VN920SP-E Datasheet
183Kb / 18P
HIGH SIDE DRIVER
Oct-2004
VN920SP.E STMICROELECTRONICS-VN920SP.E Datasheet
1Mb / 22P
for car body applications
Oct-2013
VN920SP13TR STMICROELECTRONICS-VN920SP13TR Datasheet
273Kb / 16P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
More results

Descripción similar - VN920SPTR-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
HIGH SIDE DRIVER
rev. A
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
HIGH SIDE DRIVER
rev. A
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
HIGH SIDE DRIVER
Oct-2003
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
HIGH SIDE DRIVER
Jul-2004
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
HIGH SIDE DRIVER
Jun-2004
VN800S-E STMICROELECTRONICS-VN800S-E Datasheet
262Kb / 24P
HIGH SIDE DRIVER
Oct-2004
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
High side driver
08-Jul-2008
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
High-side driver
07-Feb-2011
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
HIGH SIDE DRIVER
Oct-2004
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
High-side driver
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com