| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
COM1B0 Datasheet(PDF) 7 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
COM1B0 Datasheet(HTML) 7 Page - ATMEL Corporation |
|
7 / 294 page ![]() 7 9219A–RFID–01/11 Atmel ATA5505 [Preliminary] 5 PB6 PCINT14 ADC9 OC1AX INT0 GPIO Port B – Pin 6 PCINT14 (Pin Change Interrupt 14) ADC9 (ADC Input Channel 9) OC1AX (Output Compare and PWM Output A-X for Timer/Counter 1) INT0 (External Interrupt0 Input) 6 PB5 PCINT13 ADC8 OC1BW XTAL2 CLKO GPIO Port B – Pin 5 PCINT13 (Pin Change Interrupt 13) ADC8 (ADC Input Channel 8) OC1BW (Output Compare and PWM Output B-W for Timer/Counter 1) XTAL2 (Chip Clock Oscillator Pin 2) CLKO (System Clock Output) 7 PB4 PCINT12 OC1AW XTAL1 CLKI GPIO Port B – Pin 4 PCINT12 (Pin Change Interrupt 12) OC1AW (Output Compare and PWM Output A-W for Timer/Counter 1) XTAL1 (Chip clock Oscillator pin 1) CLKI (External Clock Input) 8VDD Atmel® AVR® Supply Voltage 9 OUTPUT Reader Data Output 10 OE Reader Station Data Output Enable 11 INPUT Reader Station Data Input 12 MS Reader Station Mode Select 13 CFE Reader Station: Carrier Frequency Enable 14 DGND Digital Ground (Driver Ground) 15 COIL 2 Reader Coil Driver 2 16 COIL 1 Reader Coil Driver 1 17 VEXT Reader External Power Supply 18 DVS Reader Driver Supply Voltage 19 GND Ground 20 VBATT Battery Voltage for Reader 21 STANDBY Front End Standby Input 22 VS Internal Power Supply (5V) for Reader 23 HIPASS HIPASS DC Decoupling (Gain) 24 RF Frequency Adjustment 25 PB3 PCINT11 OC1BV GPIO Port B - Pin 3 PCINT11 (Pin Change Interrupt 11) OC1BV (Output Compare and PWM Output B-V for Timer/Counter 1) 26 PB2 PCINT10 OC1AV USCK SCL GPIO Port B – Pin 2 PCINT10 (Pin Change Interrupt 10) OC1AV (Output Compare and PWM Output A-V for Timer/Counter 1) USCK (Three-wire Mode USI Default Clock Input) SCL (Two-wire Mode USI Default Clock Input) 27 PB1 PCINT9 OC1BU DO GPIO Port B – Pin 1 PCINT9 (Pin Change Interrupt 9) OC1BU (Output Compare and PWM Output B-U for Timer/Counter 1) DO (Three-wire Mode USI Default Data Output) Table 1-1. Pin Description Pin Symbol Function |