Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1B0 Datasheet(PDF) 44 Page - ATMEL Corporation

No. de pieza COM1B0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1B0 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button COM1B0 Datasheet HTML 40Page - ATMEL Corporation COM1B0 Datasheet HTML 41Page - ATMEL Corporation COM1B0 Datasheet HTML 42Page - ATMEL Corporation COM1B0 Datasheet HTML 43Page - ATMEL Corporation COM1B0 Datasheet HTML 44Page - ATMEL Corporation COM1B0 Datasheet HTML 45Page - ATMEL Corporation COM1B0 Datasheet HTML 46Page - ATMEL Corporation COM1B0 Datasheet HTML 47Page - ATMEL Corporation COM1B0 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 294 page
background image
44
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
It is set when ‘Clock Availability’ logic confirms that the (selected) clock is running and is sta-
ble. The delay from the request and the flag setting is not fixed, it depends on the clock
start-up time, the clock frequency and, of course, if the clock is alive. The user’s code has to
differentiate between ‘no_clock_signal’ and ‘clock_signal_not_yet_available’ condition.
• Bits 3:0 – CLKC3:0: Clock Control Bits 3 - 0
These bits define the command to provide to the ‘Clock Switch’ module. The special write pro-
cedure must be followed to change the CLKC3..0 bits (See ”Bit 7 – CLKCCE: Clock Control
Change Enable” on page 43.).
1.
Write the Clock Control Change Enable (CLKCCE) bit to one and all other bits in
CLKCSR to zero.
2.
Within 4 cycles, write the desired value to CLKCSR register while clearing CLKCCE
bit.
Interrupts should be disabled when setting CLKCSR register in order not to disturb the
procedure.
4.5.4
CLKSELR - Clock Selection Register
• Bit 7– Res: Reserved Bit
This bit is reserved bit in the Atmel
® AVR® and will always read as zero.
• Bit 6 – COUT: Clock Out
The COUT bit is initialized with ~(CKOUT) Fuse bit.
The COUT bit is only used in case of ‘CKOUT’ command. Refer to Section 4.2.7 “Clock Output
Buffer” on page 35 for using.
In case of ‘Recover System Clock Source’ command, COUT it is not affected (no recovering of
this setting).
Table 4-11.
Clock command list.
Clock Command
CLKC3..0
No command
0000
b
Disable clock source
0001
b
Enable clock source
0010 b
Request for clock
availability
0011
b
Clock source switch
0100
b
Recover system clock source code
0101 b
Enable watchdog in automatic reload mode
0110
b
CKOUT command
0111 b
No command
1xxx b
Bit
7
6
543
210
-
COUT
CSUT1
CSUT0
CSEL3
CSEL2
CSEL1
CSEL0
CLKSELR
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
~ (CKOUT)
fuse
SUT1..0
fuses
CKSEL3..0
fuses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com