Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1B0 Datasheet(PDF) 19 Page - ATMEL Corporation

No. de pieza COM1B0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1B0 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button COM1B0 Datasheet HTML 15Page - ATMEL Corporation COM1B0 Datasheet HTML 16Page - ATMEL Corporation COM1B0 Datasheet HTML 17Page - ATMEL Corporation COM1B0 Datasheet HTML 18Page - ATMEL Corporation COM1B0 Datasheet HTML 19Page - ATMEL Corporation COM1B0 Datasheet HTML 20Page - ATMEL Corporation COM1B0 Datasheet HTML 21Page - ATMEL Corporation COM1B0 Datasheet HTML 22Page - ATMEL Corporation COM1B0 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 294 page
background image
19
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
3.
Atmel AVR Memories
This section describes the different memories in the Atmel
® AVR®. The Atmel AVR architec-
ture has two main memory spaces, the Data memory and the Program memory space. In
addition, the Atmel AVR features an EEPROM Memory for data storage. All three memory
spaces are linear and regular.
Notes:
1. Byte address.
2. Word (16-bit) address.
3.1
In-System Re-programmable Flash Program Memory
The Atmel AVR contains On-chip In-System Reprogrammable Flash memory for program
storage (see “Flash size” in Table 3-1 on page 19). Since all Atmel AVR instructions are 16 or
32 bits wide, the Flash is organized as 16 bits wide. Atmel AVR does not have separate Boot
Loader and Application Program sections, and the SPM instruction can be executed from the
entire Flash. See SELFPRGEN description in Section 21.2.1 “Store Program Memory Control
and Status Register – SPMCSR” on page 230 for more details.
The Flash memory has an endurance of at least 10,000 write/erase cycles in automotive
range. The Atmel AVR Program Counter (PC) address the program memory locations. Sec-
tion 22. “Memory Programming” on page 236 contains a detailed description on Flash data
serial downloading using the SPI pins.
Constant tables can be allocated within the entire Program memory address space (see the
LPM – Load Program memory instruction description).
Table 3-1.
Memory Mapping.
Memory
Mnemonic
Atmel AVR
Flash
Size
Flash size
16 K bytes
Start Address
-
0x0000
End Address
Flash end
0x3FFF(1)
0x1FFF(2)
32 Registers
Size
-
32 bytes
Start Address
-
0x0000
End Address
-
0x001F
I/O
Registers
Size
-
64 bytes
Start Address
-
0x0020
End Address
-
0x005F
Ext I/O
Registers
Size
-
160 bytes
Start Address
-
0x0060
End Address
-
0x00FF
Internal
SRAM
Size
ISRAM size
512 bytes
Start Address
ISRAM start
0x0100
End Address
ISRAM end
0x02FF
EEPROM
Size
E2 size
512 bytes
Start Address
-
0x0000
End Address
E2 end
0x01FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com