Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1B0 Datasheet(PDF) 75 Page - ATMEL Corporation

No. de pieza COM1B0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1B0 Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button COM1B0 Datasheet HTML 71Page - ATMEL Corporation COM1B0 Datasheet HTML 72Page - ATMEL Corporation COM1B0 Datasheet HTML 73Page - ATMEL Corporation COM1B0 Datasheet HTML 74Page - ATMEL Corporation COM1B0 Datasheet HTML 75Page - ATMEL Corporation COM1B0 Datasheet HTML 76Page - ATMEL Corporation COM1B0 Datasheet HTML 77Page - ATMEL Corporation COM1B0 Datasheet HTML 78Page - ATMEL Corporation COM1B0 Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 294 page
background image
75
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
9.2.6
Digital Input Enable and Sleep Modes
As shown in Figure 9-2, the digital input signal can be clamped to ground at the input of the
Schmitt Trigger. The signal denoted SLEEP in the figure, is set by the MCU Sleep Controller in
Power-down or Power-save mode to avoid high power consumption if some input signals are
left floating, or have an analog signal level close to V
CC/2.
SLEEP is overridden for port pins enabled as external interrupt pins. If the external interrupt
request is not enabled, SLEEP is active also for these pins. SLEEP is also overridden by vari-
ous other alternate functions as described in “Alternate Port Functions” on page 75.
If a logic high level (“one”) is present on an asynchronous external interrupt pin configured as
“Interrupt on Rising Edge, Falling Edge, or Any Logic Change on Pin” while the external inter-
rupt is not enabled, the corresponding External Interrupt Flag will be set when resuming from
the above mentioned Sleep mode, as the clamping in these sleep mode produces the
requested logic change.
9.2.7
Unconnected Pins
If some pins are unused, it is recommended to ensure that these pins have a defined level.
Even though most of the digital inputs are disabled in the deep sleep modes as described
above, floating inputs should be avoided to reduce current consumption in all other modes
where the digital inputs are enabled (Reset, Active mode and Idle mode).
The simplest method to ensure a defined level of an unused pin, is to enable the internal
pull-up. In this case, the pull-up will be disabled during reset. If low power consumption during
reset is important, it is recommended to use an external pull-up or pull-down. Connecting
unused pins directly to V
CC or GND is not recommended, since this may cause excessive cur-
rents if the pin is accidentally configured as an output.
9.3
Alternate Port Functions
Most port pins have alternate functions in addition to being general digital I/Os. Figure 9-6
shows how the port pin control signals from the simplified Figure 9-2 can be overridden by
alternate functions. The overriding signals may not be present in all port pins, but the figure
serves as a generic description applicable to all port pins in the Atmel® AVR® microcontroller
family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com