Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1B0 Datasheet(PDF) 30 Page - ATMEL Corporation

No. de pieza COM1B0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1B0 Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button COM1B0 Datasheet HTML 26Page - ATMEL Corporation COM1B0 Datasheet HTML 27Page - ATMEL Corporation COM1B0 Datasheet HTML 28Page - ATMEL Corporation COM1B0 Datasheet HTML 29Page - ATMEL Corporation COM1B0 Datasheet HTML 30Page - ATMEL Corporation COM1B0 Datasheet HTML 31Page - ATMEL Corporation COM1B0 Datasheet HTML 32Page - ATMEL Corporation COM1B0 Datasheet HTML 33Page - ATMEL Corporation COM1B0 Datasheet HTML 34Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 294 page
background image
30
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
The various choices for each clocking option are given in the following sections.
When the CPU wakes up from Power-down or Power-save, or when a new clock source is
enabled by the dynamic clock switch circuit, the selected clock source is used to time the
start-up, ensuring stable oscillator operation before instruction execution starts.
When the CPU starts from reset, there is an additional delay allowing the power to reach a sta-
ble level before commencing normal operation. The Watchdog Oscillator is used for timing this
real-time part of the start-up sequence. The number of WDT Oscillator cycles used for each
time-out is shown in Table 4-2.
4.2.1
Default Clock Source
At reset, the CKSEL and SUT fuse settings are copied into the CLKSELR register. The device
will then use the clock source and the start-up timings defined by the CLKSELR bits
(CSEL3..0 and CSUT1:0).
The device is shipped with CKSEL Fuses = 0010
b, SUT Fuses = 10 b, and CKDIV8 Fuse pro-
grammed. The default clock source setting is therefore the Internal RC Oscillator running at 8
MHz with the longest start-up time and an initial system clock divided by 8. This default setting
ensures that all users can make their desired clock source setting using an In-System or
High-voltage Programmer. This set-up must be taken into account when using ISP tools.
4.2.2
Calibrated Internal RC Oscillator
By default, the Internal RC Oscillator provides an approximate 8.0MHz clock. Though voltage
and temperature dependent, this clock can be accurately calibrated by the user. See Table
23-1 on page 257 and Section 25.7 “Internal Oscillator Speed” on page 279 for more details.
If selected, it can operate without external components. At reset, hardware loads the pre-pro-
grammed calibration value into the OSCCAL Register and thereby automatically configuring
the RC Oscillator. The accuracy of this calibration is shown as Factory calibration in Table
23-1 on page 257.
By adjusting the OSCCAL register in software, see “OSCCAL – Oscillator Calibration Regis-
ter” on page 41, it is possible to get a higher calibration accuracy than by using the factory
calibration. The accuracy of this calibration is shown as User calibration in Table 23-1 on page
257.
The Watchdog Oscillator will still be used for the Watchdog Timer and for the Reset Time-out
even when this Oscillator is used as the device clock. For more information on the pre-pro-
grammed calibration value, see the section “Calibration Byte” on page 239.
Table 4-2.
Number of Watchdog Oscillator Cycles
Typ. Time-out (VCC = 5.0V)
Typ. Time-out (VCC = 5.0V)
Number of Cycles
4.1ms
4.3ms
512
65ms
69ms
8K (8,192)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com