Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

COM1B0 Datasheet(PDF) 62 Page - ATMEL Corporation

No. de pieza COM1B0
Descripción Electrónicos  High Performance, Low Power Atmel AVR 8-bit Microcontroller Advanced RISC Architecture
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

COM1B0 Datasheet(HTML) 62 Page - ATMEL Corporation

Back Button COM1B0 Datasheet HTML 58Page - ATMEL Corporation COM1B0 Datasheet HTML 59Page - ATMEL Corporation COM1B0 Datasheet HTML 60Page - ATMEL Corporation COM1B0 Datasheet HTML 61Page - ATMEL Corporation COM1B0 Datasheet HTML 62Page - ATMEL Corporation COM1B0 Datasheet HTML 63Page - ATMEL Corporation COM1B0 Datasheet HTML 64Page - ATMEL Corporation COM1B0 Datasheet HTML 65Page - ATMEL Corporation COM1B0 Datasheet HTML 66Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 294 page
background image
62
9219A–RFID–01/11
Atmel ATA5505 [Preliminary]
• Bit 3 - WDE: Watchdog System Reset Enable
WDE is overridden by WDRF in MCUSR. This means that WDE is always set when WDRF is
set. To clear WDE, WDRF must be cleared first. This feature ensures multiple resets during
conditions causing failure, and a safe start-up after the failure.
• Bit 5, 2..0 - WDP3..0: Watchdog Timer Prescaler 3, 2, 1 and 0
The WDP3..0 bits determine the Watchdog Timer prescaling when the Watchdog Timer is run-
ning. The different prescaling values and their corresponding time-out periods are shown in
Table 6-2 on page 62.
Table 6-2.
Watchdog Timer Prescale Select
WDP3
WDP2
WDP1
WDP0
Number of
WDT Oscillator Cycles
Typical Time-out
at V
CC = 5.0V
0
0
0
0
2K (2048) cycles
16ms
0
0
0
1
4K (4096) cycles
32ms
0
0
1
0
8K (8192) cycles
64ms
0
0
1
1
16K (16384) cycles
0.125s
0
1
0
0
32K (32768) cycles
0.25s
0
1
0
1
64K (65536) cycles
0.5s
0
1
1
0
128K (131072) cycles
1.0s
0
1
1
1
256K (262144) cycles
2.0s
1
0
0
0
512K (524288) cycles
4.0s
1
0
0
1
1024K (1048576) cycles
8.0s
10
10
Reserved
10
11
11
00
11
01
11
10
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com