| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
COM1B0 Datasheet(PDF) 4 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
COM1B0 Datasheet(HTML) 4 Page - ATMEL Corporation |
|
4 / 294 page ![]() 4 9219A–RFID–01/11 Atmel ATA5505 [Preliminary] 1.1 System Block Diagram The system block diagram for a stand alone reader application is shown in Figure 1-1. No additional microcontroller is required.. Figure 1-1. System Block Diagram - Stand Alone Reader A system block diagram for a reader station application with a LIN transceiver IC is shown in Figure 1-2. The reader is then communicating with a central unit. Figure 1-2. System Block Diagram - Reader with LIN Connection All Atmel ® LF-RFID tag ICs can be read by the ATA5505: e5530, TK5530, e5551, T5551, TK5551, e5552, TK5552, e5554, T5555, Q5, T5557, ATA5567, ATA5558, T5561, TK5561, ATA5577, ATA5575. 1.2 Block Diagram In Figure 1-3 on page 5 the basic architecture of the Atmel ATA5505 consisting of the Atmel AVR and the front end is shown. The Atmel AVR is a low-power CMOS 8-bit microcontroller with RISC architecture. The Atmel AVR includes several features. The main features are in-system programmable Flash, EEPROM, SRAM, Ports A and B as general purpose I/O lines, a timer and a LIN controller. The details of the front end are shown in Figure 1-4 on page 5. NF Read Channel Frontend MCU Core Immobilizer Stack SPI T/ATA5551 ATA5557/67 ATA5577 ATA5558 ATA5575 Q5 Successor Osc Atmel ATA5505 NF Read Channel MCU Core Immobilizer Stack LIN UART LIN TRx Central Unit T/ATA5551 ATA5557/67 ATA5577 ATA5558 ATA5575 Q5 Successor Osc Atmel ATA5505 Reader Frontend |