Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

GP200MHS12 Datasheet(PDF) 1 Page - Dynex Semiconductor

No. de pieza GP200MHS12
Descripción Electrónicos  Half Bridge IGBT Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DYNEX [Dynex Semiconductor]
Página de inicio  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP200MHS12 Datasheet(HTML) 1 Page - Dynex Semiconductor

  GP200MHS12 Datasheet HTML 1Page - Dynex Semiconductor GP200MHS12 Datasheet HTML 2Page - Dynex Semiconductor GP200MHS12 Datasheet HTML 3Page - Dynex Semiconductor GP200MHS12 Datasheet HTML 4Page - Dynex Semiconductor GP200MHS12 Datasheet HTML 5Page - Dynex Semiconductor GP200MHS12 Datasheet HTML 6Page - Dynex Semiconductor GP200MHS12 Datasheet HTML 7Page - Dynex Semiconductor GP200MHS12 Datasheet HTML 8Page - Dynex Semiconductor GP200MHS12 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GP200MHS12
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
1/10
www.dynexsemi.com
FEATURES
s
Non Punch Through Silicon
s
Isolated Copper Baseplate
s
Low Inductance Internal Construction
APPLICATIONS
s
High Power Inverters
s
Motor Controllers
s
Induction Heating
s
Resonant Converters
The Powerline range of high power modules includes half
bridge and single switch configurations covering voltages from
600V to 3300V and currents up to 4800A.
The GP200MHS12 is a half bridge 1200V, n channel
enhancement mode, insulated gate bipolar transistor (IGBT)
module. The IGBT has a wide reverse bias safe operating area
(RBSOA) ensuring reliability in demanding applications.
The module incorporates an electrically isolated base plate
and low inductance construction enabling circuit designers to
optimise circuit layouts and utilise earthed heat sinks for safety.
ORDERING INFORMATION
Order As:
GP200MHS12
Note: When ordering, please use the whole part number.
KEY PARAMETERS
V
CES
1200V
V
CE(sat)
(typ)
2.7V
I
C
(max)
200A
I
C(PK)
(max)
400A
GP200MHS12
Half Bridge IGBT Module
Replaces GP200MHB12S January 1999 version, DS4339-5.5
DS5296-1.5 November 2000
Fig. 1 Half bridge circuit diagram
Fig. 2 Electrical connections - (not to scale)
Outline type code: M
(See package details for further information)
3(C
1)
2(E
2)
1(E
1C2)
11(C2)
9(C1)
6(G2)
7(E2)
5(E1)
4(G1)
1
2
3
11
10
8
9
5
4
6
7


Número de pieza similar - GP200MHS12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dynex Semiconductor
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
Half Bridge IGBT Module
More results

Descripción similar - GP200MHS12

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Dynex Semiconductor
GP200MHS18 DYNEX-GP200MHS18 Datasheet
135Kb / 10P
Half Bridge IGBT Module
GP350MHB06S DYNEX-GP350MHB06S Datasheet
126Kb / 10P
Half Bridge IGBT Module
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000 Datasheet
143Kb / 9P
Half Bridge IGBT Module
DIM200WHS12-E000 DYNEX-DIM200WHS12-E000 Datasheet
177Kb / 8P
Half Bridge IGBT Module
logo
SemiWell Semiconductor
SIM200D12SV3 SEMIWELL-SIM200D12SV3 Datasheet
496Kb / 7P
HALF-BRIDGE IGBT MODULE
logo
Dynex Semiconductor
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000 Datasheet
356Kb / 8P
Half Bridge IGBT Module
DIM200PHM33-F000 DYNEX-DIM200PHM33-F000_11 Datasheet
356Kb / 8P
Half Bridge IGBT Module
DIM100PHM33-F000 DYNEX-DIM100PHM33-F000_15 Datasheet
356Kb / 8P
Half Bridge IGBT Module
DIM250PHM33-TS000 DYNEX-DIM250PHM33-TS000_15 Datasheet
396Kb / 8P
Half Bridge IGBT Module
DIM400PHM17-A000 DYNEX-DIM400PHM17-A000_15 Datasheet
460Kb / 8P
IGBT Half Bridge Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com