Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN2647 Datasheet(PDF) 15 Page - STMicroelectronics

No. de pieza AN2647
Descripción Electrónicos  Using the STR91xFA external memory interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2647 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button AN2647 Datasheet HTML 11Page - STMicroelectronics AN2647 Datasheet HTML 12Page - STMicroelectronics AN2647 Datasheet HTML 13Page - STMicroelectronics AN2647 Datasheet HTML 14Page - STMicroelectronics AN2647 Datasheet HTML 15Page - STMicroelectronics AN2647 Datasheet HTML 16Page - STMicroelectronics AN2647 Datasheet HTML 17Page - STMicroelectronics AN2647 Datasheet HTML 18Page - STMicroelectronics AN2647 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
AN2647
Interfacing with asynchronous memory
15/34
1.2.2
EMI port configuration
Ports 7, 8 and 9 at power up are default to GPIO ports; your software has to program the
ports to function as an EMI bus. Table 4. below shows all possible port function and
configuration. The registers that need to be configured include:
SCU_GPIOOUTx - Select the Alternative output function: ALT2 or ALT3
SCU_GPIOTYPEx - Select the port driver: push-pull or open drain
SCU_EMI -Select EMI mode
SCU_SCR0 - Select the multiplexed mode, ALE length and polarity.
Table 3.
BCR register configuration bits
Bit
Name
Bit value
Bit 17
SYNCWRITEDEV
0: Asynchronous write device (default)
1: Synchronous device
Bit [11:10]
BRLEN[1:0]
Burst Read Transfer Length. These bits are written by
software to define the transfer length for burst or page mode
read cycle. Page mode is limited to 4 or 8 transfer.
00: 4-transfer burst read
01: 8-transfer burst read
10: 16-transfer burst read
11: Continuous (synchronous only)
Bit 9
SYNCREADDEV
Synchronous read access device. Access the device using
synchronous accesses for reads:
0: Asynchronous device (default).
1: Synchronous device.
Bit 8
BPM
Burst and Page Mode Read Selection This bit is set and
cleared by software to select/deselect Burst or Page Mode
read.
00: 8-bit
01: 16-bit
Bit[5:4]
MW[1:0]
Memory width define the data bus and memory width of the
EMI bus.
00: 8-bit EMI bus
01: 16-bit EMI bus
Bit 3
WP
Write protect - to protect/unprotect the bank from write
access.
0: Bank not write protected
1: Bank write protected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com