| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PM0056 Datasheet(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0056 Datasheet(HTML) 98 Page - STMicroelectronics |
|
98 / 156 page ![]() The Cortex-M3 instruction set PM0056 98/156 DocID15491 Rev 5 3.9.1 BKPT Breakpoint. Syntax BKPT #imm where: • ‘imm’ is an expression evaluating to an integer in the range 0-255 (8-bit value). Operation The BKPT instruction causes the processor to enter Debug state. Debug tools can use this to investigate system state when the instruction at a particular address is reached. imm is ignored by the processor. If required, a debugger can use it to store additional information about the breakpoint. The BKPT instruction can be placed inside an IT block, but it executes unconditionally, unaffected by the condition specified by the IT instruction. Condition flags This instruction does not change the flags. Examples BKPT 0xAB ; Breakpoint with immediate value set to 0xAB (debugger can ; extract the immediate value by locating it using the PC) 3.9.2 CPS Change Processor State. Syntax CPSeffect iflags NOP No Operation NOP on page 102 SEV Send Event SEV on page 102 SVC Supervisor Call SVC on page 103 WFE Wait For Event WFE on page 103 WFI Wait For Interrupt WFI on page 104 Table 32. Miscellaneous instructions (continued) Mnemonic Brief description See |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |