| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PM0056 Datasheet(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0056 Datasheet(HTML) 100 Page - STMicroelectronics |
|
100 / 156 page ![]() The Cortex-M3 instruction set PM0056 100/156 DocID15491 Rev 5 3.9.4 DSB Data Synchronization Barrier. Syntax DSB{cond} where: • ‘cond’ is an optional condition code, see Conditional execution on page 57. Operation DSB acts as a special data synchronization memory barrier. Instructions that come after the DSB, in program order, do not execute until the DSB instruction completes. The DSB instruction completes when all explicit memory accesses before it complete. Condition flags This instruction does not change the flags. Examples DSB ; Data Synchronisation Barrier 3.9.5 ISB Instruction Synchronization Barrier. Syntax ISB{cond} where: • ‘cond’ is an optional condition code, see Conditional execution on page 57. Operation ISB acts as an instruction synchronization barrier. It flushes the pipeline of the processor, so that all instructions following the ISB are fetched from cache or memory again, after the ISB instruction has been completed. Condition flags This instruction does not change the flags. Examples ISB ; Instruction Synchronisation Barrier 3.9.6 MRS Move the contents of a special register to a general-purpose register. Syntax MRS{cond} Rd, spec_reg |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |