| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PM0056 Datasheet(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0056 Datasheet(HTML) 36 Page - STMicroelectronics |
|
36 / 156 page ![]() The Cortex-M3 processor PM0056 36/156 DocID15491 Rev 5 2.3.4 Vector table The vector table contains the reset value of the stack pointer, and the start addresses, also called exception vectors, for all exception handlers. Figure 12 on page 36 shows the order of the exception vectors in the vector table. The least-significant bit of each vector must be 1, indicating that the exception handler is Thumb code. Figure 12. Vector table On system reset, the vector table is fixed at address 0x00000000. Privileged software can write to the VTOR to relocate the vector table start address to a different memory location, in the range 0x00000080 to 0x3FFFFF80, see Vector table offset register (SCB_VTOR) on page 133. 2.3.5 Exception priorities As Table 16 on page 34 shows, all exceptions have an associated priority, with: • A lower priority value indicating a higher priority • Configurable priorities for all exceptions except Reset, Hard fault, and NMI. Initial SP value Reset Hard fault NMI Memory management fault Usage fault Bus fault 0x0000 0x0004 0x0008 0x000C 0x0010 0x0014 0x0018 Reserved SVCall PendSV Reserved for Debug Systick IRQ0 Reserved 0x002C 0x0038 0x003C 0x0040 Offset Exception number 2 3 4 5 6 11 12 14 15 16 18 13 7 10 1 Vector . . . 8 9 IRQ1 IRQ2 0x0044 IRQ67 17 0x0048 0x004C 83 . . . . . . 0x014C IRQ number -14 -13 -12 -11 -10 -5 -2 -1 0 2 1 67 ai15995 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |