| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PM0056 Datasheet(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0056 Datasheet(HTML) 40 Page - STMicroelectronics |
|
40 / 156 page ![]() The Cortex-M3 processor PM0056 40/156 DocID15491 Rev 5 2.4 Fault handling Faults are a subset of the exceptions, see Exception model on page 33. The following generate a fault: • A bus error on: – An instruction fetch or vector table load – A data access • An internally-detected error such as an undefined instruction or an attempt to change state with a BX instruction • Attempting to execute an instruction from a memory region marked as Non-Executable (XN). 2.4.1 Fault types Table 18 shows the types of fault, the handler used for the fault, the corresponding fault status register, and the register bit that indicates that the fault has occurred. See Configurable fault status register (SCB_CFSR) on page 142 for more information about the fault status registers. Table 17. Exception return behavior EXC_RETURN[3:0] Description 0bxxx0 Reserved. 0b0001 Return to Handler mode. Exception return gets state from MSP. Execution uses MSP after return. 0b0011 Reserved. 0b01x1 Reserved. 0b1001 Return to Thread mode. Exception return gets state from MSP. Execution uses MSP after return. 0b1101 Return to Thread mode. Exception return gets state from PSP. Execution uses PSP after return. 0b1x11 Reserved. Table 18. Faults Fault Handler Bit name Fault status register Bus error on a vector read Hard fault VECTTBL Hard fault status register (SCB_HFSR) on page 145 Fault escalated to a hard fault FORCED |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |