| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RM0319 Datasheet(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 Datasheet(HTML) 63 Page - STMicroelectronics |
|
63 / 368 page ![]() RM0319 Multiport DDR controller (MPMC) Doc ID 022640 Rev 3 63/368 AHB memory controller transaction mapping equations For AHB ports, a WORD is defined as 32 bits (4 bytes) and is the maximum size supported for a 32 bit AHB port. Table 18 shows examples of the mapping of various AHB transaction bursts and sizes to the corresponding core transaction lengths for a 32 bit wide AHB port interface. BYTE 0x4 0x------Aa-------- BYTE 0x5 0x----Aa---------- BYTE 0x6 0x--Aa------------ BYTE 0x7 0xAa-------------- HALF WORD 0x0 0x------------BbAa HALF WORD 0x2 0x--------BbAa---- HALF WORD 0x4 0x----BbAa-------- HALF WORD 0x6 0xBbAa------------ WORD 0x0 0x--------DdCcBbAa WORD 0x4 0xDdCcBbAa-------- Table 17. READ/WRITE data alignment - Big Endian Transaction type Address Data alignment - big endian BYTE 0x0 0xAa-------------- BYTE 0x1 0x--Aa------------ BYTE 0x2 0x----Aa---------- BYTE 0x3 0x------Aa-------- BYTE 0x4 0x--------Aa------ BYTE 0x5 0x----------Aa---- BYTE 0x6 0x------------Aa-- BYTE 0x7 0x--------------Aa HALF WORD 0x0 0xAaBb------------ HALF WORD 0x2 0x----AaBb-------- HALF WORD 0x4 0x--------AaBb---- HALF WORD 0x6 0x------------AaBb WORD 0x0 0xAaBbCcDd-------- WORD 0x4 0x--------AaBbCcDd Table 16. READ/WRITE data alignment - Little Endian (continued) Transaction type Address Data alignment - little endian |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |