| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RM0319 Datasheet(PDF) 72 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 Datasheet(HTML) 72 Page - STMicroelectronics |
|
72 / 368 page ![]() Multiport DDR controller (MPMC) RM0319 72/368 Doc ID 022640 Rev 3 If every port ordering parameters are set to the same value, the scan order will default to the numbered port order. Weighted round-robin arbitration summary The MPMC weighted round-robin arbitration system merges the concepts of round-robin operation, priority, relative priority and port ordering. The incoming commands are separated into priority groups based on the priority of the associated port for that type of command. Inside each priority group, the relative priority values are examined to settle the arbitration winner. If relative priority values are the same and no individual command can be selected, the scan order is used to select among the requests. Finally the highest priority command incoming from the highest relative priority port, having the highest location in the scan order, will be selected and sent to the core. For instance, let us consider the system described in Table 22. The counters refer to the ones inside each port priority group to guarantee that relative priorities are maintained. To simplify, on assumes the command queue never be full and commands are only received at priority level 0. The behaviour is shown inTable 23. The highest requesting port in the scan order always wins arbitration and the scan order is dynamically modified whenever any port counter reaches its allocated relative priority value. Note: If the command queue was considered, cycles where the command queue was full would not have any arbitration winner and therefore the counter values and scan order would not change on that cycle. Table 21. Port ordering example Parameter System B System C ahb0_port_ordering 3 3 ahb1_port_ordering 4 0 ahb2_port_ordering 5 5 ahb3_port_ordering 6 6 ahb4_port_ordering 7 7 ahb5_port_ordering 0 1 ahb6_port_ordering 2 0 ahb7_port_ordering 1 0 Port Scan Order P5-P7-P6-P0-P1-P2-P3-P4 P1-P6-P7-P5-P0-P2-P3-P4 Table 22. System D specifications Parameter Port 0 Port 1 Port 2 Port 3 ahbX_priority0_relative_priority 4 3 2 1 ahbX_port_ordering 0 1 2 3 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |