| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RM0319 Datasheet(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 Datasheet(HTML) 70 Page - STMicroelectronics |
|
70 / 368 page ![]() Multiport DDR controller (MPMC) RM0319 70/368 Doc ID 022640 Rev 3 Figure 18. Weighted round-robin priority group structure Using relative priority concept, the arbitration is skewed in favor of certain ports following user setting. Note: The relative priority parameters have a minimum acceptable value of 1 to prevent port lockout: A 0 value triggers an error condition. If the relative priorities are all programmed to the same value within any priority group, the arbitration will mimic a version of simple round-robin scheme within that specific priority group. Instead of incrementing as any request is processed, the simple round-robin counter will only increment to the next port after the ahbX_priorityY_relative_priority number of requests are processed. To each port X owning priority level Y, it will be allocated resources corresponding to the ratio of that port's relative priority (ahbX_priorityY_relative_priority) to the sum of all requesting port's relative priority values. If a particular port is not requesting, it will be not included in the sum calculation, i.e. the arbitration will be proportionately split among the requesting ports. For instance, let us consider a system with 4 ports where all requests have priority 0. This system is described in Table 20. Programmable Register Settings Priority Group 0 Priority Group 1 Priority Group 2 Priority Group Z ahb0_priority0_relative_priority ahb1_priority0_relative_priority ahb2_priority0_relative_priority … abhX_priority0_relative_priority Priority 0 Priority 2 Priority 1 Priority Z Commands Commands Commands Commands ahb0_priority1_relative_priority … ahbX_priority1_relative_priority ahb0_priority2_relative_priority … ahbX_priority2_relative_priority ahb0_priorityZ_relative_priority … ahbX_priorityZ_relative_priority Ports 0-X |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |