| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
RM0319 Datasheet(PDF) 77 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RM0319 Datasheet(HTML) 77 Page - STMicroelectronics |
|
77 / 368 page ![]() RM0319 Multiport DDR controller (MPMC) Doc ID 022640 Rev 3 77/368 Table 29 shows the system behavior with port pairing. Since ports P4 - P5 are still at a lower priority, they will be ignored unless none of the higher priority ports (i.e. P0, P1, P2 or P3) are requesting. Note the following points: ● When either port of a port pair wins arbitration, the counters for both ports of the pair increment. ● In Cycle 3, the port pair P0/P1 reaches its allocated relative priority. Note: The port pair dynamically moves to the bottom of the scan order. ● In Cycle 8, the port pair P4/P5 reaches its allocated relative priority. However, since these are the only requests at priority 1, the scan order does not change. Table 28. System G specifications Parameter Port 0 Port 1 Port 2 Port 3 Port 4 Port 5 ahbX_priority0_relative_priority 3 3 2 2 1 1 ahbX_priority1_relative_priority 1 1 1 1 2 2 ahbX_port_ordering 0 1 2 3 5 4 weighted_round_robin_weight_sharing 1 (Paired) 0 (Not Paired) 1 (Paired) Table 29. System G operation Cycle Ports Requesting Arbitration Winner Next Counter Next Scan Order P0 P1 P2 P3 P4 P5 P0 P1 P2 P3 P4 P5 Priority 0: P0-P1-P2-P3 Priority 1: P4-P5 0 Y Y P0 1 10 00 0 P0-P1-P2-P3 P5-P4 1 Y Y Y P0 22 00 00 P0-P1-P2-P3 P5-P4 2 Y Y P2 2 21 00 0 P0-P1-P2-P3 P5-P4 3 Y Y Y Y P0 3 31 00 0 P2-P3-P0-P1 P5-P4 4 Y Y Y P3 00 11 00 P2-P3-P0-P1 P5-P4 5 Y Y Y P3 00 12 00 P2-P0-P1-P3 P5-P4 6 Y Y P1 1 11 00 0 P2-P0-P1-P3 P5-P4 7 Y P5 11 10 11 P2-P0-P1-P3 P5-P4 8 Y P4 11 10 22 P2-P0-P1-P3 P5-P4 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |