Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AN4228 Datasheet(PDF) 67 Page - STMicroelectronics

No. de pieza AN4228
Descripción Electrónicos  Migrating from STM32F1 to STM32F3 microcontrollers
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4228 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button AN4228 Datasheet HTML 63Page - STMicroelectronics AN4228 Datasheet HTML 64Page - STMicroelectronics AN4228 Datasheet HTML 65Page - STMicroelectronics AN4228 Datasheet HTML 66Page - STMicroelectronics AN4228 Datasheet HTML 67Page - STMicroelectronics AN4228 Datasheet HTML 68Page - STMicroelectronics AN4228 Datasheet HTML 69Page - STMicroelectronics AN4228 Datasheet HTML 70Page - STMicroelectronics AN4228 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
DocID024110 Rev 5
67/90
AN4228
Firmware migration using the library
89
void I2C_SMBusAlertConfig(I2C_TypeDef* I2Cx,
uint16_t I2C_SMBusAlert);
void I2C_SMBusAlertCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
NA
void I2C_ClockTimeoutCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
NA
void I2C_ExtendedClockTimeoutCmd(I2C_TypeDef*
I2Cx, FunctionalState NewState);
NA
void I2C_IdleClockTimeoutCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
NA
void I2C_TimeoutAConfig(I2C_TypeDef* I2Cx, uint16_t
Timeout);
NA
void I2C_TimeoutBConfig(I2C_TypeDef* I2Cx, uint16_t
Timeout);
void I2C_CalculatePEC(I2C_TypeDef* I2Cx,
FunctionalState NewState);
void I2C_CalculatePEC(I2C_TypeDef* I2Cx,
FunctionalState NewState);
NA
void I2C_PECRequestCmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
uint8_t I2C_GetPEC(I2C_TypeDef* I2Cx);
uint8_t I2C_GetPEC(I2C_TypeDef* I2Cx);
uint32_t I2C_ReadRegister(I2C_TypeDef* I2Cx,
uint8_t I2C_Register);
uint32_t I2C_ReadRegister(I2C_TypeDef* I2Cx,
uint8_t I2C_Register);
void I2C_SendData(I2C_TypeDef* I2Cx, uint8_t
Data);
void I2C_SendData(I2C_TypeDef* I2Cx, uint8_t Data);
uint8_t I2C_ReceiveData(I2C_TypeDef* I2Cx);
uint8_t I2C_ReceiveData(I2C_TypeDef* I2Cx);
void I2C_DMACmd(I2C_TypeDef* I2Cx,
FunctionalState NewState);
void I2C_DMACmd(I2C_TypeDef* I2Cx, uint32_t
I2C_DMAReq, FunctionalState NewState);
void I2C_DMALastTransferCmd(I2C_TypeDef*
I2Cx, FunctionalState NewState);
NA
Table 27. STM32F10x and STM32F3xx I2C driver API correspondence (continued)
STM32F10x I2C Driver API
STM32F3xx I2C Driver API



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com