| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN4228 Datasheet(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 Datasheet(HTML) 25 Page - STMicroelectronics |
|
25 / 90 page ![]() DocID024110 Rev 5 25/90 AN4228 Peripheral migration 89 3.6 Interrupt vectors Table 13 presents the interrupt vectors in STM32F3 series versus STM32F1 series. The switch from Cortex-M3 to Cortex-M4 induces an increase of the number of vector interrupts. This leads to many differences between the two devices. Table 13. Interrupt vector differences between STM32F3 and STM32F1 series Position STM32F1 STM32F30xx STM32F37xx 2 TAMPER TAMP_STAMP TAMP_STAMP 3 RTC RTC_WKUP RTC_WKUP 18 ADC1_2 ADC1_2 ADC1 19 CAN1_TX / USB_HP_CAN_TX USB_HP/CAN_TX CAN_TX 20 CAN1_RX0 / USB_LP_CAN_RX0 USB_LP/CAN_RX0 CAN_RXD 21 CAN1_RX1 CAN1_RX1 CAN_RXI 22 CAN1_SCE CAN1_SCE CAN_SCE 23 EXTI9_5 EXTI9_5 EXTI9_5 24 TIM1_BRK / TIM1_BRK _TIM9 TIM1_BRK / TIM15 TIM15 25 TIM1_UP / TIM1_UP_TIM10 TIM1_UP / TIM16 TIM16 26 TIM1_TRG_COM / TIM1_TRG_COM_TIM11 TIM1_TRG_COM / TIM17 TIM17 27 TIM1_CC TIM1_CC TIM18_DAC2 42 OTG_FS_WKUP / USBWakeUp USB_WKUP CEC 43 TIM8_BRK / TIM8_BRK_TIM12 (1) TIM8_BRK TIM12 44 TIM8_UP / TIM8_UP_TIM13 (1) TIM8_UP TIM13 45 TIM8_TRG_COM / TIM8_TRG_COM_TIM14 (1) TIM8_TRG_COM TIM14 46 TIM8_CC TIM8_CC Reserved 47 ADC3 ADC3 Reserved 48 FSMC Reserved Reserved 49 SDIO Reserved Reserved 50 TIM5 Reserved TIM5 52 UART4 UART4 Reserved 53 UART5 UART5 Reserved 59 DMA2_Channel4 / DMA2_Channel4_5 (1) DMA2_CH4 DMA2_CH4 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |