| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AN4228 Datasheet(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN4228 Datasheet(HTML) 71 Page - STMicroelectronics |
|
71 / 90 page ![]() DocID024110 Rev 5 71/90 AN4228 Firmware migration using the library 89 4.15 USART driver The STM32F3xx USART includes enhancements in comparison with STM32F10x USART. Table9. presents the USART driver API correspondence between STM32F10x and STM32F3xx Libraries. void SPI_I2S_ITConfig(SPI_TypeDef* SPIx, uint8_t SPI_I2S_IT, FunctionalState NewState); void SPI_I2S_ITConfig(SPI_TypeDef* SPIx, uint8_t SPI_I2S_IT, FunctionalState NewState); NA uint16_t SPI_GetTransmissionFIFOStatus(SPI_TypeDef* SPIx); NA uint16_t SPI_GetReceptionFIFOStatus(SPI_TypeDef* SPIx); FlagStatus SPI_I2S_GetFlagStatus(SPI_TypeDef* SPIx, uint16_t SPI_I2S_FLAG); FlagStatus SPI_I2S_GetFlagStatus(SPI_TypeDef* SPIx, uint16_t SPI_I2S_FLAG);(2) void SPI_I2S_ClearFlag(SPI_TypeDef* SPIx, uint16_t SPI_I2S_FLAG); void SPI_I2S_ClearITPendingBit(SPI_TypeDef* SPIx, uint8_t SPI_I2S_IT); void SPI_I2S_ClearFlag(SPI_TypeDef* SPIx, uint16_t SPI_I2S_FLAG);(2) ITStatus SPI_I2S_GetITStatus(SPI_TypeDef* SPIx, uint8_t SPI_I2S_IT); ITStatus SPI_I2S_GetITStatus(SPI_TypeDef* SPIx, uint8_t SPI_I2S_IT);(2) 1. It is applicable only for STM32F30xx devices. 2. One more flag in STM32F3xx (TI frame format error) can generate an event in comparison with STM32F10x driver API. Table 28. STM32F10x and STM32F3xx SPI driver API correspondence (continued) STM32F10x SPI driver API STM32F3xx SPI driver API Color key: = New function = Same function, but API was changed = Function not available (NA) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |