Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS874S02I Datasheet(PDF) 3 Page - Integrated Device Technology

No. de pieza ICS874S02I
Descripción Electrónicos  One differential clock input pair
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS874S02I Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS874S02I Datasheet HTML 1Page - Integrated Device Technology ICS874S02I Datasheet HTML 2Page - Integrated Device Technology ICS874S02I Datasheet HTML 3Page - Integrated Device Technology ICS874S02I Datasheet HTML 4Page - Integrated Device Technology ICS874S02I Datasheet HTML 5Page - Integrated Device Technology ICS874S02I Datasheet HTML 6Page - Integrated Device Technology ICS874S02I Datasheet HTML 7Page - Integrated Device Technology ICS874S02I Datasheet HTML 8Page - Integrated Device Technology ICS874S02I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ICS874S02I
1:1 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ LVDS CLOCK GENERATOR
3
ICS874S02BMI REV. AOCTOBER 16, 2008
Function Tables
Table 3A. Control Input Function Table
*NOTE: VCO frequency range for all configurations above is 500MHz to 1GHz.
Inputs
Outputs
PLL_SEL = 1
PLL Enable Mode
SEL3
SEL2
SEL1
SEL0
Reference Frequency Range (MHz)*
Q/nQ
0000
500 - 1000
÷1
0001
250 - 500
÷1
0010
125 - 250
÷1
0011
62.5 - 125
÷1
0100
500 - 1000
÷2
0101
250 - 500
÷2
0110
125 - 250
÷2
0111
500 - 1000
÷4
1000
250 - 500
÷4
1001
500 - 1000
÷8
1010
250 - 500
x2
1011
125 - 250
x2
1100
62.5 - 125
x2
1101
125 - 250
x4
1110
62.5 - 125
x4
1111
62.5 - 125
x8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com