Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS874S02I Datasheet(PDF) 1 Page - Integrated Device Technology

No. de pieza ICS874S02I
Descripción Electrónicos  One differential clock input pair
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS874S02I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS874S02I Datasheet HTML 1Page - Integrated Device Technology ICS874S02I Datasheet HTML 2Page - Integrated Device Technology ICS874S02I Datasheet HTML 3Page - Integrated Device Technology ICS874S02I Datasheet HTML 4Page - Integrated Device Technology ICS874S02I Datasheet HTML 5Page - Integrated Device Technology ICS874S02I Datasheet HTML 6Page - Integrated Device Technology ICS874S02I Datasheet HTML 7Page - Integrated Device Technology ICS874S02I Datasheet HTML 8Page - Integrated Device Technology ICS874S02I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1:1 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
ICS874S02I
IDT™ / ICS™ LVDS CLOCK GENERATOR
1
ICS874S02BMI REV. AOCTOBER 16, 2008
PLL_SEL
CLK
nCLK
FB_IN
nFB_IN
SEL0
SEL1
SEL2
SEL3
MR
PLL
8:1, 4:1, 2:1, 1:1,
1:2, 1:4, 1:8
Q
nQ
QFB
nQFB
0
1
÷1, ÷2, ÷4, ÷8,
÷16, ÷32, ÷64
Pullup
Pullup
Pullup
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
QFB
nQFB
VDDO
SEL2
FB_IN
nFB_IN
MR
nCLK
CLK
GND
SEL1
SEL0
VDD
PLL_SEL
VDDA
SEL3
GND
Q
nQ
VDDO
General Description
The ICS874S02I is a highly versatile 1:1 Differential-
to-LVDS Clock Generator and a member of the
HiPerClockS™ family of High Performance Clock
Solutions from IDT. The ICS874S02I has a fully
integrated PLL and can be configured as a zero
delay buffer, multiplier or divider, and has an output frequency
range of 62.5MHz to 1GHz. The reference divider, feedback
divider and output divider are each programmable, thereby
allowing for the following output-to-input frequency ratios: 8:1, 4:1,
2:1, 1:1, 1:2, 1:4, 1:8. The external feedback allows the device to
achieve “zero delay” between the input clock and the output
clocks. The PLL_SEL pin can be used to bypass the PLL for
system test and debug purposes. In bypass mode, the reference
clock is routed around the PLL and into the internal output
dividers.
Features
One differential LVDS output pair and
one differential feedback output pair
One differential clock input pair
CLK/nCLK can accept the following differential input levels:
LVPECL, LVDS, LVHSTL, SSTL
Input frequency range: 62.5MHz to 1GHz
Output frequency range: 62.5MHz to 1GHz
VCO range: 500MHz - 1GHz
External feedback for "zero delay" clock regeneration with
configurable frequencies
Programmable dividers allow for the following output-to-input
frequency ratios: 8:1, 4:1, 2:1, 1:1, 1:2, 1:4, 1:8
Cycle-to-cycle jitter: 35ps (maximum)
Static phase offset: ±100ps
Full 3.3V supply mode
-40°C to 85°C ambient operating temperature
Available in standard (RoHS 5) package
HiPerClockS™
ICS
ICS874S02I
20-Lead SOIC
7.5mm x 12.8mm x 2.3mm package body
M Package
Top View
Block Diagram
Pin Assignment


Número de pieza similar - ICS874S02I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ICS874001AGI-05LF IDT-ICS874001AGI-05LF Datasheet
850Kb / 18P
PCI Express??Jitter Attenuator
ICS874001I-05 IDT-ICS874001I-05 Datasheet
327Kb / 17P
PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS874001I-05 RENESAS-ICS874001I-05 Datasheet
1Mb / 19P
PCI Express™ Jitter Attenuator
JANUARY 14, 2011
logo
Integrated Circuit Syst...
ICS874002 ICST-ICS874002 Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
ICS874002AG ICST-ICS874002AG Datasheet
208Kb / 10P
PCI EXPRESS JITTER ATTENUATOR
REV. A JANUARY 19, 2005
More results

Descripción similar - ICS874S02I

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ICS854S006I IDT-ICS854S006I Datasheet
205Kb / 15P
Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair
8T74S208 IDT-8T74S208 Datasheet
353Kb / 18P
One differential input reference clock
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
One differential input reference clock
IDT8P34S1106I IDT-IDT8P34S1106I Datasheet
312Kb / 18P
One differential clock input pair
8T73S208A-01 IDT-8T73S208A-01 Datasheet
441Kb / 22P
One differential input reference clock
8731-01 IDT-8731-01 Datasheet
255Kb / 17P
Differential reference clock input pair
ICS854S054I IDT-ICS854S054I Datasheet
1Mb / 14P
One differential LVDS output pair
ICS854S058I IDT-ICS854S058I Datasheet
450Kb / 16P
One differential LVDS output pair
ICS8N3PG10MBKI-062 IDT-ICS8N3PG10MBKI-062 Datasheet
270Kb / 20P
One differential LVPECL output pair
logo
Integrated Silicon Solu...
IS43R32800B ISSI-IS43R32800B Datasheet
556Kb / 39P
Differential clock input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com