Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS874S02I Datasheet(PDF) 6 Page - Integrated Device Technology

No. de pieza ICS874S02I
Descripción Electrónicos  One differential clock input pair
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS874S02I Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS874S02I Datasheet HTML 2Page - Integrated Device Technology ICS874S02I Datasheet HTML 3Page - Integrated Device Technology ICS874S02I Datasheet HTML 4Page - Integrated Device Technology ICS874S02I Datasheet HTML 5Page - Integrated Device Technology ICS874S02I Datasheet HTML 6Page - Integrated Device Technology ICS874S02I Datasheet HTML 7Page - Integrated Device Technology ICS874S02I Datasheet HTML 8Page - Integrated Device Technology ICS874S02I Datasheet HTML 9Page - Integrated Device Technology ICS874S02I Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ICS874S02I
1:1 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ LVDS CLOCK GENERATOR
6
ICS874S02BMI REV. AOCTOBER 16, 2008
Table 4C. Differential DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Table 4D. LVDS DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
Table 5. Input Frequency Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
Table 6. AC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when device
is mounted in a test socket with maintained transverse airflow greater than 500 lfpm. Device will meet specifications after thermal
equilibrium has been reached under these conditions.
NOTE 1: Defined as the time difference between the input reference clock and the average feedback input signal, when the PLL is locked
and the input reference frequency is stable.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK, FB_IN
VDD = VIN = 3.465V
150
µA
nCLK, nFB_IN
VDD = VIN = 3.465V
10
µA
IIL
Input Low Current
CLK, FB_IN
VDD = 3.465V, VIN = 0V
-10
µA
nCLK, nFB_IN
VDD = 3.465V, VIN = 0V
-150
µA
VPP
Peak-to-Peak Input Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage; NOTE 1, 2
GND + 0.5
VDD – 0.85
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VOD
Differential Output Voltage
350
450
550
mV
∆V
OD
VOD Magnitude Change
50
mV
VOS
Offset Voltage
1.20
1.33
1.45
V
∆V
OS
VOS Magnitude Change
50
mV
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
FIN
Input Frequency
CLK/nCLK
PLL_SEL = 1
62.5
1000
MHz
PLL_SEL = 0
1000
MHz
Parameter
Symbol
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
62.5
1000
MHz
tsk(Ø)
Static Phase Offset; NOTE 1, 2
PLL_SEL = 1
-100
100
ps
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 2
35
ps
tL
PLL Lock Time
1ms
tR / tF
Output Rise/Fall Time
20% to 80%
50
250
ps
odc
Output Duty Cycle
47
53
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com