Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS874S02I Datasheet(PDF) 10 Page - Integrated Device Technology

No. de pieza ICS874S02I
Descripción Electrónicos  One differential clock input pair
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS874S02I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS874S02I Datasheet HTML 6Page - Integrated Device Technology ICS874S02I Datasheet HTML 7Page - Integrated Device Technology ICS874S02I Datasheet HTML 8Page - Integrated Device Technology ICS874S02I Datasheet HTML 9Page - Integrated Device Technology ICS874S02I Datasheet HTML 10Page - Integrated Device Technology ICS874S02I Datasheet HTML 11Page - Integrated Device Technology ICS874S02I Datasheet HTML 12Page - Integrated Device Technology ICS874S02I Datasheet HTML 13Page - Integrated Device Technology ICS874S02I Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ICS874S02I
1:1 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ LVDS CLOCK GENERATOR
10
ICS874S02BMI REV. AOCTOBER 16, 2008
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, and
other differential signals. Both signals must meet the VPP and
VCMR input requirements. Figures 3A to 3E show interface
examples for the HiPerClockS CLK/nCLK input driven by the most
common driver types. The input interfaces suggested here are
examples only. Please consult with the vendor of the driver
component to confirm the driver termination requirements. For
example, in Figure 3A, the input termination applies for IDT
HiPerClockS open emitter LVHSTL drivers. If you are using an
LVHSTL driver from another vendor, use their termination
recommendation.
3A. HiPerClockS CLK/nCLK Input Driven by an IDT
Open Emitter HiPerClockS LVHSTL Driver
Figure 3C. HiPerClockS CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 3E. HiPerClockS CLK/nCLK Input
Driven by a 2.5V SSTL Driver
Figure 3B. HiPerClockS CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 3D. HiPerClockS CLK/nCLK Input
Driven by a 3.3V LVDS Driver
R1
50
R2
50
1.8V
Zo = 50
Zo = 50
CLK
nCLK
3.3V
LVHSTL
IDT
HiPerClockS
LVHSTL Driver
HiPerClockS
Input
R3
125
R4
125
R1
84
R2
84
3.3V
Zo = 50
Zo = 50
CLK
nCLK
3.3V
3.3V
LVPECL
HiPerClockS
Input
CLK
nCLK
HiPerClockS
SSTL
2.5V
Zo = 60
Zo = 60
2.5V
3.3V
R1
120
R2
120
R3
120
R4
120
CLK
nCLK
HiPerClockS
Input
LVPECL
3.3V
Zo = 50
Zo = 50
3.3V
R1
50
R2
50
R2
50
3.3V
R1
100
LVDS
CLK
nCLK
3.3V
Receiver
Zo = 50
Zo = 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com