Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS874S02I Datasheet(PDF) 5 Page - Integrated Device Technology

No. de pieza ICS874S02I
Descripción Electrónicos  One differential clock input pair
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IDT [Integrated Device Technology]
Página de inicio  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS874S02I Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS874S02I Datasheet HTML 1Page - Integrated Device Technology ICS874S02I Datasheet HTML 2Page - Integrated Device Technology ICS874S02I Datasheet HTML 3Page - Integrated Device Technology ICS874S02I Datasheet HTML 4Page - Integrated Device Technology ICS874S02I Datasheet HTML 5Page - Integrated Device Technology ICS874S02I Datasheet HTML 6Page - Integrated Device Technology ICS874S02I Datasheet HTML 7Page - Integrated Device Technology ICS874S02I Datasheet HTML 8Page - Integrated Device Technology ICS874S02I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ICS874S02I
1:1 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
IDT™ / ICS™ LVDS CLOCK GENERATOR
5
ICS874S02BMI REV. AOCTOBER 16, 2008
Absolute Maximum Ratings
NOTE: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These ratings are stress specifications only. Functional operation of product at these conditions or any conditions beyond
those listed in the DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Electrical Characteristics
Table 4A. LVDS Power Supply DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = VDDO = 3.3V ± 5%, TA = -40°C to 85°C
Item
Rating
Supply Voltage, VDD
4.6V
Inputs, VI
-0.5V to VDD + 0.5V
Outputs, IO (LVDS)
Continuos Current
Surge Current
10mA
15mA
Package Thermal Impedance,
θ
JA
64.7°C/W (0 lfpm)
Storage Temperature, TSTG
-65
°C to 150°C
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VDD
Core Supply Voltage
3.135
3.3
3.465
V
VDDA
Analog Supply Voltage
VDD – 0.20
3.3
VDD
V
VDDO
Output Supply Voltage
3.135
3.3
3.465
V
IDD
Power Supply Current
97
mA
IDDA
Analog Supply Current
20
mA
IDDO
Output Supply Current
40
mA
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2.2
VDD + 0.3
V
VIL
Input Low Voltage
-0.3
0.8
V
IIH
Input High Current
MR, SEL[0:3]
VDD = VIN = 3.465V
150
µA
PLL_SEL
VDD = VIN = 3.465V
10
µA
IIL
Input Low Current
MR, SEL[0:3]
VDD = 3.465V, VIN = 0V
-10
µA
PLL_SEL
VDD = 3.465V, VIN = 0V
-150
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com