| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD6679 Datasheet(PDF) 43 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6679 Datasheet(HTML) 43 Page - Analog Devices |
|
43 / 81 page ![]() Data Sheet AD6679 Rev. B | Page 43 of 81 Table 13. DDC Samples When Chip Decimation Ratio = 1 Real (I) Output (Complex to Real Enabled) Complex (I/Q) Outputs (Complex to Real Disabled) HB1 FIR (DCM1 = 1) HB2 FIR + HB1 FIR (DCM1 = 2) HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 4) HB4 FIR + HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 8) HB1 FIR (DCM1 = 2) HB2 FIR + HB1 FIR (DCM1 = 4) HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 8) HB4 FIR + HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 16) N N N N N N N N N + 1 N + 1 N + 1 N + 1 N + 1 N + 1 N + 1 N + 1 N + 2 N N N N N N N N + 3 N + 1 N + 1 N + 1 N + 1 N + 1 N + 1 N + 1 N + 4 N + 2 N N N + 2 N N N N + 5 N + 3 N + 1 N + 1 N + 3 N + 1 N + 1 N + 1 N + 6 N + 2 N N N + 2 N N N N + 7 N + 3 N + 1 N + 1 N + 3 N + 1 N + 1 N + 1 N + 8 N + 4 N + 2 N N + 4 N + 2 N N N + 9 N + 5 N + 3 N + 1 N + 5 N + 3 N + 1 N + 1 N + 10 N + 4 N + 2 N N + 4 N + 2 N N N + 11 N + 5 N + 3 N + 1 N + 5 N + 3 N + 1 N + 1 N + 12 N + 6 N + 2 N N + 6 N + 2 N N N + 13 N + 7 N + 3 N + 1 N + 7 N + 3 N + 1 N + 1 N + 14 N + 6 N + 2 N N + 6 N + 2 N N N + 15 N + 7 N + 3 N + 1 N + 7 N + 3 N + 1 N + 1 N + 16 N + 8 N + 4 N + 2 N + 8 N + 4 N + 2 N N + 17 N + 9 N + 5 N + 3 N + 9 N + 5 N + 3 N + 1 N + 18 N + 8 N + 4 N + 2 N + 8 N + 4 N + 2 N N + 19 N + 9 N + 5 N + 3 N + 9 N + 5 N + 3 N + 1 N + 20 N + 10 N + 4 N + 2 N + 10 N + 4 N + 2 N N + 21 N + 11 N + 5 N + 3 N + 11 N + 5 N + 3 N + 1 N + 22 N + 10 N + 4 N + 2 N + 10 N + 4 N + 2 N N + 23 N + 11 N + 5 N + 3 N + 11 N + 5 N + 3 N + 1 N + 24 N + 12 N + 6 N + 2 N + 12 N + 6 N + 2 N N + 25 N + 13 N + 7 N + 3 N + 13 N + 7 N + 3 N + 1 N + 26 N + 12 N + 6 N + 2 N + 12 N + 6 N + 2 N N + 27 N + 13 N + 7 N + 3 N + 13 N + 7 N + 3 N + 1 N + 28 N + 14 N + 6 N + 2 N + 14 N + 6 N + 2 N N + 29 N + 15 N + 7 N + 3 N + 15 N + 7 N + 3 N + 1 N + 30 N + 14 N + 6 N + 2 N + 14 N + 6 N + 2 N N + 31 N + 15 N + 7 N + 3 N + 15 N + 7 N + 3 N + 1 1 DCM means decimation. Table 14. DDC Samples When Chip Decimation Ratio = 2 Real (I) Output (Complex to Real Enabled) Complex (I/Q) Outputs (Complex to Real Disabled) HB2 FIR + HB1 FIR (DCM1 = 2) HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 4) HB4 FIR + HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 8) HB1 FIR (DCM1 = 2) HB2 FIR + HB1 FIR (DCM1 = 4) HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 8) HB4 FIR + HB3 FIR + HB2 FIR + HB1 FIR (DCM1 = 16) N N N N N N N N + 1 N + 1 N + 1 N + 1 N + 1 N + 1 N + 1 N + 2 N N N + 2 N N N N + 3 N + 1 N + 1 N + 3 N + 1 N + 1 N + 1 N + 4 N + 2 N N + 4 N + 2 N N N + 5 N + 3 N + 1 N + 5 N + 3 N + 1 N + 1 N + 6 N + 2 N N + 6 N + 2 N N N + 7 N + 3 N + 1 N + 7 N + 3 N + 1 N + 1 N + 8 N + 4 N + 2 N + 8 N + 4 N + 2 N N + 9 N + 5 N + 3 N + 9 N + 5 N + 3 N + 1 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |