Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VG Datasheet(PDF) 135 Page - STMicroelectronics

No. de pieza STM32L496VG
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VG Datasheet(HTML) 135 Page - STMicroelectronics

Back Button STM32L496VG Datasheet HTML 131Page - STMicroelectronics STM32L496VG Datasheet HTML 132Page - STMicroelectronics STM32L496VG Datasheet HTML 133Page - STMicroelectronics STM32L496VG Datasheet HTML 134Page - STMicroelectronics STM32L496VG Datasheet HTML 135Page - STMicroelectronics STM32L496VG Datasheet HTML 136Page - STMicroelectronics STM32L496VG Datasheet HTML 137Page - STMicroelectronics STM32L496VG Datasheet HTML 138Page - STMicroelectronics STM32L496VG Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 263 page
background image
IDD_ALL(wake
up from
Stop2)
Supply current
during wakeup
from Stop 2
mode
Wakeup clock is
MSI = 48 MHz,
voltage Range 1.
See (4).
3 V
1.69
-
-
-
-
-
--
--
mA
Wakeup clock is
MSI = 4 MHz,
voltage Range 2.
See (4).
3 V
1.35
-
-
-
-
-
--
--
Wakeup clock is
HSI16 = 16 MHz,
voltage Range 1.
See (4).
3 V
1.7
-
-
-
-
-
-
-
-
-
1. Guaranteed by characterization results, unless otherwise specified.
2. LCD enabled with external voltage source. Consumption from VLCD excluded. Refer to LCD controller characteristics for IVLCD.
3. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
4. Wakeup with code execution from Flash. Average value given for a typical wakeup time as specified in Table 51: Low-power mode wakeup timings.
Table 44. Current consumption in Stop 2 mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C
85 °C 105 °C 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com