Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VG Datasheet(PDF) 139 Page - STMicroelectronics

No. de pieza STM32L496VG
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VG Datasheet(HTML) 139 Page - STMicroelectronics

Back Button STM32L496VG Datasheet HTML 135Page - STMicroelectronics STM32L496VG Datasheet HTML 136Page - STMicroelectronics STM32L496VG Datasheet HTML 137Page - STMicroelectronics STM32L496VG Datasheet HTML 138Page - STMicroelectronics STM32L496VG Datasheet HTML 139Page - STMicroelectronics STM32L496VG Datasheet HTML 140Page - STMicroelectronics STM32L496VG Datasheet HTML 141Page - STMicroelectronics STM32L496VG Datasheet HTML 142Page - STMicroelectronics STM32L496VG Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 263 page
background image
IDD_ALL
(Standby
with RTC)
Supply current
in Standby
mode (backup
registers
retained),
RTC enabled
RTC clocked by LSE
bypassed at 32768Hz
1.8 V
308
504
1683
4193
10783
-
-
-
-
-
nA
2.4 V
400
633
1963
4957
12583
-
-
-
-
-
3 V
508
779
2319
5925
15130
-
-
-
-
-
3.6 V
661
1009
2825
7027
17540
-
-
-
-
-
RTC clocked by LSE
quartz (3) in low drive
mode
1.8 V
426
624
1679
4244
10884
-
-
-
-
-
2.4 V
521
751
1985
4952
12619
-
-
-
-
-
3 V
643
914
2371
5931
15121
-
-
-
-
-
3.6 V
819
1162
2914
7019
17551
-
-
-
-
-
IDD_ALL
(SRAM2)(4)
Supply current
to be added in
Standby mode
when SRAM2
is retained
-
1.8 V
371
1111
4297
10153 22747
806
2640
10537
24695
54376
nA
2.4 V
372
1112
4328
10154 22888
809
2661
10545
24767
54505
3 V
374
1116
4403
10429 23711
811
2683
10553
24840
54634
3.6 V
378
1149
4545
10702 24361
814
2704
10561
24913
54763
IDD_ALL
(wakeup
from
Standby)
Supply current
during wakeup
from Standby
mode
Wakeup clock is
MSI = 4 MHz.
See (5).
3 V
1.4
-
-
-
-
-
-
-
-
-
mA
1. Guaranteed by characterization results, unless otherwise specified.
2. Guaranteed by test in production.
3. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF loading capacitors.
4. The supply current in Standby with SRAM2 mode is:
IDD_ALL(Standby) + IDD_ALL(SRAM2). The supply current in Standby with RTC with SRAM2 mode is:
I
IDD_ALL(Standby + RTC) + IDD_ALL(SRAM2).
5. Wakeup with code execution from Flash. Average value given for a typical wakeup time as specified in Table 51: Low-power mode wakeup timings.
Table 47. Current consumption in Standby mode (continued)
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C
125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com