Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VG Datasheet(PDF) 138 Page - STMicroelectronics

No. de pieza STM32L496VG
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VG Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STM32L496VG Datasheet HTML 134Page - STMicroelectronics STM32L496VG Datasheet HTML 135Page - STMicroelectronics STM32L496VG Datasheet HTML 136Page - STMicroelectronics STM32L496VG Datasheet HTML 137Page - STMicroelectronics STM32L496VG Datasheet HTML 138Page - STMicroelectronics STM32L496VG Datasheet HTML 139Page - STMicroelectronics STM32L496VG Datasheet HTML 140Page - STMicroelectronics STM32L496VG Datasheet HTML 141Page - STMicroelectronics STM32L496VG Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 263 page
background image
Table 47. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-VDD 25 °C 55 °C 85 °C 105 °C 125 °C 25 °C 55 °C 85 °C 105 °C
125 °C
IDD_ALL
(Standby)
Supply current
in Standby
mode (backup
registers
retained),
RTC disabled
no independent
watchdog
1.8 V
108
299
1343
3822
10353
227
899
4159
13059
36572
nA
2.4 V
118
348
1562
4447
12012
252
1009
4846
15026
41366
3 V
133
404
1777
5071
13589
318
1211
6082
17245
46714
3.6 V
171
501
2115
5898
15539
435
1508
7230
19850
52888(2)
with independent
watchdog
1.8 V
296
-
-
-
-
-
-
-
-
-
2.4 V
349
-
-
-
-
-
-
-
-
-
3 V
411
-
-
-
-
-
-
-
-
-
3.6 V
506
-
-
-
-
-
-
-
-
-
IDD_ALL
(Standby
with RTC)
Supply current
in Standby
mode (backup
registers
retained),
RTC enabled
RTC clocked by LSI, no
independent watchdog
1.8 V
377
581
1700
4270
11100
763
1422
5182
13585
36564
nA
2.4 V
461
700
2020
5030
12900
942
1704
5992
15473
41383
3 V
559
843
2390
5990
15500
1166
2032
6938
17889
46728
3.6 V
689
1050
2920
7130
18100
1454
2511
7754
20714
53018
RTC clocked by LSI,
with independent
watchdog
1.8 V
422
-
-
-
-
-
-
-
-
-
2.4 V
518
-
-
-
-
-
-
-
-
-
3 V
560
-
-
-
-
-
-
-
-
-
3.6 V
780
-
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com