| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L496VG Datasheet(PDF) 233 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L496VG Datasheet(HTML) 233 Page - STMicroelectronics |
|
233 / 263 page ![]() DocID029173 Rev 2 233/263 STM32L496xx Electrical characteristics 236 summarized in Table 21, with the following configuration: • DCMI_PIXCLK polarity: falling • DCMI_VSYNC and DCMI_HSYNC polarity: high • Data format: 14 bits • Capacitive load C=30pF Figure 55. DCMI timing diagram Table 116. DCMI characteristics(1) 1. Data based on characterization results, not tested in production. Symbol ParameterMin Max Unit Frequency ratio DCMI_PIXCLK/fHCLK -0.4 DCMI_PIXCLK Pixel clock input - 32 MHz Dpixel Pixel clock input duty cycle 30 70 % tsu(DATA) Data input setup time 4 - ns th(DATA) Data hold time 5 - tsu(HSYNC), tsu(VSYNC) DCMI_HSYNC/DCMI_VSYNC input setup time 3- th(HSYNC), th(VSYNC) DCMI_HSYNC/DCMI_VSYNC input hold time 3 - |