| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L496VG Datasheet(PDF) 237 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L496VG Datasheet(HTML) 237 Page - STMicroelectronics |
|
237 / 263 page ![]() DocID029173 Rev 2 237/263 STM32L496xx Package information 260 7 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 7.1 UFBGA169 package information Figure 58. UFBGA169 - 169-ball, 7 x 7 mm, 0.50 mm pitch, ultra fine pitch ball grid array package outline 1. Drawing is not to scale. Table 120. UFBGA169 - 169-ball, 7 x 7 mm, 0.50 mm pitch, ultra fine pitch ball grid array package mechanical data Symbol millimeters inches(1) Min. Typ. Max. Min. Typ. Max. A 0.460 0.530 0.600 0.0181 0.0209 0.0236 A1 0.050 0.080 0.110 0.0020 0.0031 0.0043 A2 0.400 0.450 0.500 0.0157 0.0177 0.0197 A3 - 0.130 - - 0.0051 - A4 0.270 0.320 0.370 0.0106 0.0126 0.0146 |