| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32L496VG Datasheet(PDF) 236 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L496VG Datasheet(HTML) 236 Page - STMicroelectronics |
|
236 / 263 page ![]() Electrical characteristics STM32L496xx 236/263 DocID029173 Rev 2 CMD, D inputs (referenced to CK) in MMC and SD HS mode tISU Input setup time HS fPP = 50 MHz 2.5 - - ns tIH Input hold time HS fPP = 50 MHz 2.5 - - ns CMD, D outputs (referenced to CK) in MMC and SD HS mode tOV Output valid time HS fPP = 50 MHz - 13.5 16.5 ns tOH Output hold time HS fPP = 50 MHz 9 - - ns CMD, D inputs (referenced to CK) in SD default mode tISUD Input setup time SD fPP = 50 MHz 2 - - ns tIHD Input hold time SD fPP = 50 MHz 4.5 - - ns CMD, D outputs (referenced to CK) in SD default mode tOVD Output valid default time SD fPP = 50 MHz - 4.5 5 ns tOHD Output hold default time SD fPP = 50 MHz 0 - - ns 1. Guaranteed by characterization results. Table 119. SD / MMC dynamic characteristics, VDD=1.71 V to 1.9 V(1) (continued) Symbol Parameter Conditions Min Typ Max Unit |