Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

STM32L496VG Datasheet(PDF) 261 Page - STMicroelectronics

No. de pieza STM32L496VG
Descripción Electrónicos  25 nA Shutdown mode
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L496VG Datasheet(HTML) 261 Page - STMicroelectronics

Back Button STM32L496VG Datasheet HTML 255Page - STMicroelectronics STM32L496VG Datasheet HTML 256Page - STMicroelectronics STM32L496VG Datasheet HTML 257Page - STMicroelectronics STM32L496VG Datasheet HTML 258Page - STMicroelectronics STM32L496VG Datasheet HTML 259Page - STMicroelectronics STM32L496VG Datasheet HTML 260Page - STMicroelectronics STM32L496VG Datasheet HTML 261Page - STMicroelectronics STM32L496VG Datasheet HTML 262Page - STMicroelectronics STM32L496VG Datasheet HTML 263Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 261 / 263 page
background image
DocID029173 Rev 2
261/263
STM32L496xx
Part numbering
262
8
Part numbering
Table 130. STM32L496xx ordering information scheme
Example:
STM32
L
496
V
G
T
6 P TR
Device family
STM32 = ARM® based 32-bit microcontroller
Product type
L = ultra-low-power
Device subfamily
496: STM32L496x
x
Pin count
R = 64 pins
V = 100 pins
Q = 132 pins
Z = 144 pins
A = 169 pins
Flash memory size
G = 1 MB of Flash memory
E = 512 KByte of Flash memory
Package
T = LQFP ECOPACK®2
I = UFBGA ECOPACK®2
Y = CSP ECOPACK®2
Temperature range
6 = Industrial temperature range, -40 to 85 °C (105 °C junction)
3 = Industrial temperature range, -40 to 125 °C (130 °C junction)
Option
Blank = Standard production with integrated LDO
P = Dedicated pinout supporting external SMPS
Packing
TR = tape and reel
xxx = programmed parts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com