| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM41DL6408H Datasheet(PDF) 22 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM41DL6408H Datasheet(HTML) 22 Page - Advanced Micro Devices |
|
22 / 66 page ![]() 20 Am41DL6408H November 24, 2003 ADV ANCE I N FO RMAT I O N method described in “Sector/Sector Block Protection and Unprotection”. If the system asserts V IH on the WP#/ACC pin, the de- vice reverts to whether sectors 0, 1, 140, and 141 were last set to be protected or unprotected. That is, sector protection or unprotection for these sectors de- pends on whether they were last protected or unpro- tected using the method described in “Sector/Sector Block Protection and Unprotection”. Note that the WP#/ACC pin must not be left floating or unconnected; inconsistent behavior of the device may result. Table 9. WP#/ACC Modes Temporary Sector Unprotect (Note: For the following discussion, the term “sector” applies to both sectors and sector blocks. A sector block consists of two or more adjacent sectors that are protected or unprotected at the same time (see Table 8). This feature allows temporary unprotection of previ- ously protected sectors to change data in-system. The Sector Unprotect mode is activated by setting the RE- SET# pin to V ID. During this mode, formerly protected sectors can be programmed or erased by selecting the sector addresses. Once V ID is removed from the RE- SET# pin, all the previously protected sectors are protected again. Figure 1 shows the algorithm, and Figure 26 shows the timing diagrams, for this feature. If the WP#/ACC pin is at V IL, sectors 0, 1, 140, and 141 will remain protected during the Temporary sector Unprotect mode. Figure 1. Temporary Sector Unprotect Operation WP# Input Voltage Device Mode V IL Disables programming and erasing in SA0, SA1, SA140, and SA141 V IH Enables programming and erasing in SA0, SA1, SA140, and SA141 V HH Enables accelerated programming (ACC). See “Accelerated Program Operation” on page 14. START Perform Erase or Program Operations RESET# = V IH Temporary Sector Unprotect Completed (Note 2) RESET# = V ID (Note 1) Notes: 1. All protected sectors unprotected (If WP#/ACC = V IL, sectors 0, 1, 140, and 141 will remain protected). 2. All previously protected sectors are protected once again. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |