Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM41DL6408H Datasheet(PDF) 56 Page - Advanced Micro Devices

No. de pieza AM41DL6408H
Descripción Electrónicos  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM41DL6408H Datasheet(HTML) 56 Page - Advanced Micro Devices

Back Button AM41DL6408H Datasheet HTML 52Page - Advanced Micro Devices AM41DL6408H Datasheet HTML 53Page - Advanced Micro Devices AM41DL6408H Datasheet HTML 54Page - Advanced Micro Devices AM41DL6408H Datasheet HTML 55Page - Advanced Micro Devices AM41DL6408H Datasheet HTML 56Page - Advanced Micro Devices AM41DL6408H Datasheet HTML 57Page - Advanced Micro Devices AM41DL6408H Datasheet HTML 58Page - Advanced Micro Devices AM41DL6408H Datasheet HTML 59Page - Advanced Micro Devices AM41DL6408H Datasheet HTML 60Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
54
Am41DL6408H
November 24, 2003
ADV ANCE
I N FO RMAT I O N
AC CHARACTERISTICS
SRAM Read Cycle
Note: CE1#s = OE# = V
IL, CE2s = WE# = VIH, UB#s and/or LB#s = VIL
Figure 29.
SRAM Read Cycle—Address Controlled
Parameter
Symbol
Description
Speed
Unit
71
70
85
t
RC
Read Cycle Time
Min
55
70
85
ns
t
AA
Address Access Time
Max
55
70
85
ns
t
CO1, tCO2
Chip Enable to Output
Max
55
70
85
ns
t
OE
Output Enable Access Time
Max
25
35
45
ns
t
BA
LB#s, UB#s to Access Time
Max
55
70
85
ns
t
LZ1, tLZ2
Chip Enable (CE1#s Low and CE2s High) to Low-Z
Output
Min
10
ns
t
BLZ
UB#, LB# Enable to Low-Z Output
Min
10
ns
t
OLZ
Output Enable to Low-Z Output
Min
5
ns
t
HZ1, tHZ2
Chip Disable to High-Z Output
Max
20
25
ns
t
BHZ
UB#s, LB#s Disable to High-Z Output
Max
20
25
ns
t
OHZ
Output Disable to High-Z Output
Max
20
25
ns
t
OH
Output Data Hold from Address Change
Min
10
ns
Address
Data Out
Previous Data Valid
Data Valid
tAA
tRC
tOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com