Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SST26WF080B Datasheet(PDF) 28 Page - Microchip Technology

No. de pieza SST26WF080B
Descripción Electrónicos  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF080B Datasheet(HTML) 28 Page - Microchip Technology

Back Button SST26WF080B Datasheet HTML 24Page - Microchip Technology SST26WF080B Datasheet HTML 25Page - Microchip Technology SST26WF080B Datasheet HTML 26Page - Microchip Technology SST26WF080B Datasheet HTML 27Page - Microchip Technology SST26WF080B Datasheet HTML 28Page - Microchip Technology SST26WF080B Datasheet HTML 29Page - Microchip Technology SST26WF080B Datasheet HTML 30Page - Microchip Technology SST26WF080B Datasheet HTML 31Page - Microchip Technology SST26WF080B Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 28
 2014-2017 Microchip Technology Inc.
5.20
Page-Program
The Page-Program instruction programs up to 256
Bytes of data in the memory, and supports both SPI
and SQI protocols. The data for the selected page
address must be in the erased state (FFH) before initi-
ating the Page-Program operation. A Page-Program
applied to a protected memory area will be ignored.
Prior to the program operation, execute the WREN
instruction.
To execute a Page-Program operation, the host drives
CE# low then sends the Page Program command cycle
(02H), three address cycles followed by the data to be
programmed, then drives CE# high. The programmed
data must be between 1 to 256 Bytes and in whole Byte
increments; sending less than a full Byte will cause the
partial Byte to be ignored. Poll the BUSY bit in the Sta-
tus register, or wait TPP, for the completion of the inter-
nal, self-timed, Block-Erase operation. See Figures 5-
25 and 5-26 for the Page-Program sequence.
When executing Page-Program, the memory range for
the
SST26WF040B/040BA
and
SST26WF080B/
080BA is divided into 256 Byte page boundaries. The
device handles shifting of more than 256 Bytes of data
by maintaining the last 256 Bytes of data as the correct
data to be programmed. If the target address for the
Page-Program instruction is not the beginning of the
page boundary (A[7:0] are not all zero), and the num-
ber of bytes of data input exceeds or overlaps the end
of the address of the page boundary, the excess data
inputs wrap around and will be programmed at the start
of that target page.
FIGURE 5-25:
PAGE-PROGRAM SEQUENCE (SQI)
FIGURE 5-26:
PAGE-PROGRAM SEQUENCE (SPI)
20005283 F10.1
MODE 3
0
SCK
SIO(3:0)
CE#
C1 C0
MODE 0
2
A5 A4
MSN LSN
4
A3 A2
6
A1 A0
8
H0 L0
10
H1 L1
12
H2 L2
HN LN
Data Byte 0 Data Byte 1 Data Byte 2
Data Byte 255
Note:
M
20005283 F60.1
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
Data Byte 0
02
HIGH IMPEDANCE
15 16
23 24
31 32
39
MODE 0
MODE 3
MSB
MSB
MSB
LSB
CE#(cont’)
SO(cont’)
SI(cont’)
SCK(cont’)
40 41 42 43 44 45 46
47 48
Data Byte 1
HIGH IMPEDANCE
MSB
MSB
MSB
LSB
50 51 52 53 54 55
49
Data Byte 2
Data Byte 255
LSB
LSB
LSB
LSB
Note: C[1:0] =
02H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com