Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SST26WF080B Datasheet(PDF) 15 Page - Microchip Technology

No. de pieza SST26WF080B
Descripción Electrónicos  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF080B Datasheet(HTML) 15 Page - Microchip Technology

Back Button SST26WF080B Datasheet HTML 11Page - Microchip Technology SST26WF080B Datasheet HTML 12Page - Microchip Technology SST26WF080B Datasheet HTML 13Page - Microchip Technology SST26WF080B Datasheet HTML 14Page - Microchip Technology SST26WF080B Datasheet HTML 15Page - Microchip Technology SST26WF080B Datasheet HTML 16Page - Microchip Technology SST26WF080B Datasheet HTML 17Page - Microchip Technology SST26WF080B Datasheet HTML 18Page - Microchip Technology SST26WF080B Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 96 page
background image
 2014-2017 Microchip Technology Inc.
DS20005283C-page 15
SST26WF040B/040BA SST26WF080B/080BA
5.1
No Operation (NOP)
The No Operation command only cancels a Reset
Enable command. NOP has no impact on any other
command.
5.2
Reset-Enable (RSTEN) and Reset
(RST)
The Reset operation is used as a system (software)
reset that puts the device in normal operating Ready
mode. This operation consists of two commands:
Reset-Enable (RSTEN) followed by Reset (RST).
To
reset
the
SST26WF040B/040BA
and
SST26WF080B/080BA, the host drives CE# low,
sends the Reset-Enable command (66H), and drives
CE# high. Next, the host drives CE# low again, sends
the Reset command (99H), and drives CE# high, see
Figure 5-1.
The Reset operation requires the Reset-Enable com-
mand followed by the Reset command. Any command
other than the Reset command after the Reset-Enable
command will disable the Reset-Enable.
Once the Reset-Enable and Reset commands are suc-
cessfully executed, the device returns to normal opera-
tion Read mode and then does the following: resets the
protocol to SPI mode, resets the burst length to 8
Bytes, clears all the bits, except for bit 4 (WPLD) and
bit 5 (SEC), in the Status register to their default states,
and clears bit 1 (IOC) in the configuration register to its
default state. A device reset during an active Program
or Erase operation aborts the operation, which can
cause the data of the targeted address range to be cor-
rupted or lost. Depending on the prior operation, the
reset timing may vary. Recovery from a Write operation
requires more latency time than recovery from other
operations. See Table 8-2 on page 46 for Rest timing
parameters.
FIGURE 5-1:
RESET SEQUENCE
5.3
Read (40 MHz)
The Read instruction, 03H, is supported in SPI bus pro-
tocol only with clock frequencies up to 40 MHz. This
command is not supported in SQI bus protocol. The
device outputs the data starting from the specified
address location, then continuously streams the data
output through all addresses until terminated by a low-
to-high transition on CE#. The internal address pointer
will automatically increment until the highest memory
address is reached. Once the highest memory address
is reached, the address pointer will automatically return
to the beginning (wrap-around) of the address space.
Initiate the Read instruction by executing an 8-bit com-
mand, 03H, followed by address bits A[23:0]. CE# must
remain active low for the duration of the Read cycle.
See Figure 5-2 for Read Sequence.
FIGURE 5-2:
READ SEQUENCE (SPI)
20005283 F05.0
MODE 3
CLK
SIO(3:0)
CE#
MODE 3
C1
C3 C2
C0
MODE 0
MODE 3
MODE 0
MODE 0
TCPH
Note: C[1:0] = 66H; C[3:2] = 99H
20005283 F29.0
CE#
SO
SI
SCK
ADD.
01 2 3 4 5 6 7 8
ADD.
ADD.
03
HIGH IMPEDANCE
15 16
23 24
31 32
39 40
70
47 48
55 56
63 64
N+2
N+3
N+4
N
N+1
DOUT
MSB
MSB
MSB
MODE 0
MODE 3
DOUT
DOUT
DOUT
DOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com