Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SST26WF080B Datasheet(PDF) 14 Page - Microchip Technology

No. de pieza SST26WF080B
Descripción Electrónicos  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF080B Datasheet(HTML) 14 Page - Microchip Technology

Back Button SST26WF080B Datasheet HTML 10Page - Microchip Technology SST26WF080B Datasheet HTML 11Page - Microchip Technology SST26WF080B Datasheet HTML 12Page - Microchip Technology SST26WF080B Datasheet HTML 13Page - Microchip Technology SST26WF080B Datasheet HTML 14Page - Microchip Technology SST26WF080B Datasheet HTML 15Page - Microchip Technology SST26WF080B Datasheet HTML 16Page - Microchip Technology SST26WF080B Datasheet HTML 17Page - Microchip Technology SST26WF080B Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 14
 2014-2017 Microchip Technology Inc.
SPI Quad
PP6
SQI Quad Page
Program
32H
X
3
0
1 to 256
104
MHz
WRSU
Suspends Program/
Erase
B0H
X
X
0
0
0
WRRE
Resumes Program/
Erase
30H
X
X
0
0
0
Protection
RBPR
Read Block-Protection
Register
72H
X
0
0
1 to
6104
MHz
X
0
1
1 to
6
WBPR
Write Block-Protection
Register
42H
X
X
0
0
1 to 6
LBPR
Lock Down Block-
Protection Register
8DH
X
X
0
0
0
nVWLDR
non-Volatile Write
Lock-Down Register
E8H
X
X
0
0
1 to 6
ULBPR
Global Block Protec-
tion Unlock
98H
X
X
0
0
0
RSID
Read Security ID
88H
X
2
1
1 to 2048
X
2
3
1 to 2048
PSID
Program User
Security ID area
A5H
X
X
2
0
1 to 256
LSID
Lockout Security ID
Programming
85H
X
X
0
0
0
Power Saving
DPD
Deep Power-down Mode
B9H
X
X
0
0
0
104
MHz
RDPD
Release from Deep
Power-down and Read
ID
ABH
X
X
3
0
1 to
0
1. Command cycle is two clock periods in SQI mode and eight clock periods in SPI mode.
2. Address bits above the most significant bit of each density can be VIL or VIH.
3. Address, Dummy/Mode bits, and Data cycles are two clock periods in SQI and eight clock periods in SPI mode.
4. RST command only executed if RSTEN command is executed first. Any intervening command will disable Reset.
5. Device accepts eight-clock command in SPI mode, or two-clock command in SQI mode.
6. Data cycles are two clock periods. IOC bit must be set to ‘1’ before issuing the command.
7. Address, Dummy/Mode bits, and data cycles are two clock periods. IOC bit must be set to ‘1’ before issuing the command.
8. Data cycles are four clock periods.
9. Address, Dummy/Mode bits, and Data cycles are four clock periods.
10. Sector Addresses: Use AMS - A12, remaining address are don’t care, but must be set to VIL or VIH.
11. Blocks are 64 KByte, 32 KByte, or 8KByte, depending on location. Block Erase Address: AMS - A16 for 64 KByte; AMS - A15
for 32 KByte; AMS - A13 for 8 KByte. Remaining addresses are don’t care, but must be set to VIL or VIH.
TABLE 5-1:
DEVICE OPERATION INSTRUCTIONS FOR SST26WF040B/040BA AND
SST26WF080B/080BA (CONTINUED) (2 OF 2)
Instruction
Description
Command
Cycle1
Mode
Address
Cycle(s)2, 3
Dummy
Cycle(s)3
Data
Cycle(s)3
Max
Freq
SPI
SQI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com